Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2T66STR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V2T66STR
Description  Dual bilateral switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T66STR Datasheet(HTML) 1 Page - STMicroelectronics

  74V2T66STR Datasheet HTML 1Page - STMicroelectronics 74V2T66STR Datasheet HTML 2Page - STMicroelectronics 74V2T66STR Datasheet HTML 3Page - STMicroelectronics 74V2T66STR Datasheet HTML 4Page - STMicroelectronics 74V2T66STR Datasheet HTML 5Page - STMicroelectronics 74V2T66STR Datasheet HTML 6Page - STMicroelectronics 74V2T66STR Datasheet HTML 7Page - STMicroelectronics 74V2T66STR Datasheet HTML 8Page - STMicroelectronics 74V2T66STR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
January 2007
Rev 4
1/14
14
74V2T66
Dual bilateral switch
Features
■ High speed:
–tPD = 0.6ns (Typ) at VCC = 5V
■ Compatible with TTL level
■ Low power consumpition
–ICC = 1mA(Max.) at TA = 25°C
■ Low "ON" resistance:
–RON = 10Ω (Typ.) at VCC = 5V II/O = 1mA
■ Sine wave distortion:
– 0.04% at VCC = 5.0V, f = 1KHz
■ Operating voltage range:
–VCC (Opr) = 2.0V to 3.6V
Description
The 74V2T66 is an advanced high-speed CMOS
dual bilateral switch fabricated in silicon gate
C2MOS technology. It achieves high speed
propagation delay and very low on resistances
while maintaining true CMOS low power
consumption. This bilateral switch handles rail to
rail analog and digital signals that may vary
across the full power supply range (from GND to
VCC)
The C input is provided to control the switch and
it’s compatible with standard CMOS output; the
switch is ON (port I/O is connected to Port O/I)
when the C input is held high and OFF (high
impedance state exists between the two ports)
when C is held low. It can be used in many
application as Battery Powered System, Test
Equipment. It’s available in the commercial and
extended temperature range in SOT23-8L
package. All inputs and output are equipped with
protection circuits against static discharge, giving
them ESD immunity and transient excess voltage.
SOT23-8L
www.st.com
Order code
Part number
Package
Packing
74V2T66STR
SOT23-8L
Tape and reel


Similar Part No. - 74V2T66STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2T66STR STMICROELECTRONICS-74V2T66STR Datasheet
161Kb / 9P
DUAL BILATERAL SWITCH
More results

Similar Description - 74V2T66STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2G66 STMICROELECTRONICS-74V2G66 Datasheet
62Kb / 8P
DUAL BILATERAL SWITCH
Jun-2000
logo
Toshiba Semiconductor
TC4W66F TOSHIBA-TC4W66F Datasheet
273Kb / 7P
DUAL BILATERAL SWITCH
07-Apr-1997
TC7W66F TOSHIBA-TC7W66F Datasheet
298Kb / 10P
DUAL BILATERAL SWITCH
logo
STMicroelectronics
74V2T66 STMICROELECTRONICS-74V2T66 Datasheet
161Kb / 9P
DUAL BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7W66F TOSHIBA-TC7W66F_01 Datasheet
328Kb / 11P
DUAL BILATERAL SWITCH
31-May-2001
TC4W66F TOSHIBA-TC4W66F_07 Datasheet
415Kb / 8P
Dual Bilateral Switch
01-Nov-2007
logo
STMicroelectronics
74V2G66 STMICROELECTRONICS-74V2G66_03 Datasheet
166Kb / 9P
DUAL BILATERAL SWITCH
Jun-2003
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
DUAL BILATERAL ANALOG SWITCH
logo
Toshiba Semiconductor
TC4W66FU TOSHIBA-TC4W66FU_08 Datasheet
278Kb / 8P
Dual Bilateral Switch
01-Nov-2007
TC7W66FK0 TOSHIBA-TC7W66FK0_09 Datasheet
222Kb / 10P
Dual Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com