Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA-005OP Datasheet(PDF) 4 Page - Semicoa Semiconductor

Part # SCA-005OP
Description  Silicon PIN Photodiode with Op Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

SCA-005OP Datasheet(HTML) 4 Page - Semicoa Semiconductor

  SCA-005OP Datasheet HTML 1Page - Semicoa Semiconductor SCA-005OP Datasheet HTML 2Page - Semicoa Semiconductor SCA-005OP Datasheet HTML 3Page - Semicoa Semiconductor SCA-005OP Datasheet HTML 4Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SCA-005OP
Silicon PIN Photodiode with Op Amp
Dat a Sheet
Package Specifications
45.0°
FOV
1. Offset Null
2. Inverting Input
3. Non Inverting
Input
4. -VCC
5. Offset Null
6. Output
7. +VCC
8. Detector/Case
Ø 0.229
(5.82)
45°
Hole Size: 0.025 (0.64)
Annular Ring: 0.015 (0.38)
Ø 0.229
(5.82)
4x 90°
45°
1
3
5
7
6
4
8
2
Bottom View
Device Schematic
V OUT
+Vcc
-Vcc
OpAmp
+
-
8
5
1
7
2
6
4
3
C1
R1
100k
0.1
µF Typ
0.1
µF Typ
Note: The shaded area contains the contents of the SCA-005OP. The exterior components show a typical configuration.
Copyright
© 2003
Semicoa
Rev. 3.1
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 4 of 4
www.SEMICOA.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com