Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA-005OP Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # SCA-005OP
Description  Silicon PIN Photodiode with Op Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

SCA-005OP Datasheet(HTML) 2 Page - Semicoa Semiconductor

  SCA-005OP Datasheet HTML 1Page - Semicoa Semiconductor SCA-005OP Datasheet HTML 2Page - Semicoa Semiconductor SCA-005OP Datasheet HTML 3Page - Semicoa Semiconductor SCA-005OP Datasheet HTML 4Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SCA-005OP
Silicon PIN Photodiode with Op Amp
Dat a Sheet
Copyright
© 2003
Semicoa
Rev. 3.1
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 2 of 4
www.SEMICOA.com
DEVICE CHARACTERISTICS
characteristics specified at TA = 25°C
Mechanical Characteristics
Optical Characteristics
Active Diameter
d
0.10
Inches
Spectral Response
λ
320 to 1100
nm
Active Area
A
5.1
mm
2
Peak Sensitive Wavelength
λp
950
nm
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Dark Current
ID
VR = 1 mV
VR = 25 V
0.002
0.5
2.0
50
nA
Responsivity
R
λ = 900 nm
λ = 830 nm
λ = 632 nm
0.5
0.45
0.25
0.62
0.57
0.35
A/W
Risetime
tr
VR = 25 V, RL = 50 Ω
10
20
ns
Capacitance
Cj
VR = 25 V, f = 1 MHz
10
15
pF
Reverse Breakdown Voltage
VBR
IR = 10 µA
50
100
V
Forward Voltage
VF
IF = 1 mA
0.5
1.0
V
Shunt Resistance
Rsh
VR = 1 mV
10
200
M
Ω
Series Resistance
RS
IF = 10 mA
7.0
15.0
Ω
Noise Equivalent Power
NEP
2x10
-14
W/√Hz
Amplifier Specifications
Parameter
Symbol
Min
Typ
Max
Units
Supply Voltage
VSU
±5
±15
±18
V
Input Offset Voltage
VOS
0.5
3
mV
Supply Current
ISU
2.8
5
mA
Input Offset Drift (unnulled)
TCVOS
4
15
µV/OC
Input Bias Current
IP
15
pA
Slew Rate
SR
5
9
V/
µs
Gain Bandwidth Product
GBP
3
5.4
MHz
Input Noise Voltage
eN
20
nV/√Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com