Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA-005OP Datasheet(PDF) 3 Page - Semicoa Semiconductor

Part # SCA-005OP
Description  Silicon PIN Photodiode with Op Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

SCA-005OP Datasheet(HTML) 3 Page - Semicoa Semiconductor

  SCA-005OP Datasheet HTML 1Page - Semicoa Semiconductor SCA-005OP Datasheet HTML 2Page - Semicoa Semiconductor SCA-005OP Datasheet HTML 3Page - Semicoa Semiconductor SCA-005OP Datasheet HTML 4Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SCA-005OP
Silicon PIN Photodiode with Op Amp
Dat a Sheet
all curves at TA = 25°C unless otherwise specified
CHARACTERISTIC CURVES
0
20
40
60
80
100
120
0
1020
3040
50
V
R - Re ve rs e Vol tage (Vol ts )
0
20
40
60
80
100
400
600
800
1000
λ - Wavelength (nm)
Figure 1 Responsivity vs Wavelength
Figure 2 Capacitance vs Reverse Voltage
0.001
0.01
0.1
1
10
100
1000
0.00001
0.001
0.1
10
1000
V
R - Re ve rs e Vol tage (Vol ts )
0.001
0.01
0.1
1
10
100
1000
20
30
40
50
60
70
80
90
T - Temperature (
OC)
T = 25
°C
T = 50
°C
T = 85
°C
T = 50
°C
T = 25
°C
Figure 3 Reverse Current vs Temperature
Figure 4 Reverse Current vs Reverse Voltage
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1E-06 1E-05 1E-04 0.001 0.01
0.1
1
10
Ee - Radiation Flux (mW/cm
2)
1.E-14
1.E-13
1.E-12
0.0001 0.001
0.01
0.1
1
10
100
VR - Reverse Voltage (Volts)
T = 25
°C
T = 50
°C
T = 85
°C
Copyright
© 2003
Semicoa
Rev. 3.1
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 3 of 4
www.SEMICOA.com
Figure 5 Light Current vs Irradiance @
λ = 950 nm
Figure 6 Noise Equivalent Power vs Reverse Voltage
Specifications are subject to change without notice. Please consult the website or factory for current information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com