Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA-005OP Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # SCA-005OP
Description  Silicon PIN Photodiode with Op Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

SCA-005OP Datasheet(HTML) 1 Page - Semicoa Semiconductor

  SCA-005OP Datasheet HTML 1Page - Semicoa Semiconductor SCA-005OP Datasheet HTML 2Page - Semicoa Semiconductor SCA-005OP Datasheet HTML 3Page - Semicoa Semiconductor SCA-005OP Datasheet HTML 4Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Copyright
© 2003
Semicoa
Rev. 3.1
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 1 of 4
www.SEMICOA.com
SCA-005OP
Silicon PIN Photodiode with Op Amp
Dat a Sheet
Description
The SCA-005OP is a high sensitive silicon PIN photodiode
for use in low light applications across the spectral range of
320nm to 1100 nm.
This N-type photodiode offers high speed, low capacitance,
and high breakdown voltage characteristics.
The standard version of model SCA-005OP is housed in a
hermetically sealed electrically isolated 8 pin TO-39 metal
case. It is also available in custom packages and in chip form
for hybrid circuit boards.
This device is capable of meeting MIL-PRF-19500
requirements for environmental integrity and reliability.
Please contact Semicoa for special configurations
www.SEMICOA.com or (714) 979-1900
Applications
• Medical Analytical Instruments
• Optical Power Meters
• Densitometers
• Optical Smoke Detection
• Optical Spectroscopy
Features
• Photoconductive or Photovoltaic
Regime
• Wide Bandwidth
• Available in Chip Form
• Spectral Response from 320 to 1100nm
Benefits
• Low Noise
• Compact Packaging
• High Sensitivity
• Gain Control
Package Outline
Top View
Ø 0.18
(0.46)
Ø 0.328
(8.33)
W
Ø 0.250
(6.35)
0.255
(6.48)
0.5 min
(12.7)
0.080
(2.03)
Ø 0.100
Window
Ø 0.250
(6.35)
Ø 0.301
(7.64)
Ø 0.360
(9.14)


Similar Part No. - SCA-005OP

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
SCA-005C SEMICOA-SCA-005C Datasheet
194Kb / 3P
Silicon PIN Photodiode
More results

Similar Description - SCA-005OP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com