Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP9502AB Datasheet(PDF) 7 Page - Shenzhen Developer Microelectronics Co., Ltd

Part # DP9502AB
Description  Non-Isolated, Step-Down Quasi-Resonant LED Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd

DP9502AB Datasheet(HTML) 7 Page - Shenzhen Developer Microelectronics Co., Ltd

Back Button DP9502AB Datasheet HTML 2Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 3Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 4Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 5Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 6Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 7Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 8Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 9Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 10Page - Shenzhen Developer Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.publicxin.com
Peng Jijun
13326967551 translated to English by Yevhen Stadnik 380972333363
7
DP950XB
Non-Isolated, Step-Down Quasi-Resonant LED Power Switch
Functional Description
The DP950XB series is a highly integrated constant
current LED power switch. The chip adopts a
quasi-resonant working mode and does not require an
auxiliary winding to detect demagnetization. The chip
also integrates a 500V power switch and a high-voltage
self-powered circuit. Only a few peripheral devices are
required to achieve excellent constant current
characteristics, and the system cost is extremely low.
□
Power by HVDD
DP950XB integrates a 650V high-voltage power supply
circuit. The gate drive of the power MOSFET is directly
powered by the high-voltage power supply circuit, and
no external VDD capacitor is required.
□
Constant current control
The DP950XB series samples the inductor current cycle
by cycle. When the inductor current reaches the current
comparator threshold voltage (VCS_max=600mV), the
power MOSFET is immediately turned off and the
inductor enters the demagnetization state. When the
inductor current demagnetization is completed, the next
cycle is started. The system works in the inductor current
critical mode, so the output constant current value is
determined by the following formula:
I
mA
1 Vcs(max)
300mV
□
Degaussing detection
DP950XB uses an internal integrated demagnetization
detection circuit, which does not require an auxiliary
winding and greatly reduces system cost.
□
Maximum and minimum shutdown time
When the power MOSFET is turned off, the DP950XB
is designed with a typical minimum off time limit of
1us to avoid interference. At the same time, the typical
maximum off time inside the chip is designed to be 270us.
□
Output Overvoltage Protection (OVP)
The DP950XB output overvoltage protection can be
adjusted through the resistor (ROVP) between the ROVP
pin and the ground. The chip flows out IROVP=40uA current
at the ROVP pin, which generates a voltage VROVP IROVP
ROVP on the ROVP resistor. At the same time, the chip
samples the CS peak voltage VCS_PK. VROVP and VCS_PK
work together to generate an overvoltage protection
time Tovp in each cycle. When the output is open, the
output voltage will increase and the inductor
demagnetization time Tdem will decrease. When Tdem is
less than Tovp, the system will trigger the output OVP
protection and enter the automatic restart state until the
output is restored. The system will work normally.
CC_OUT
2
R
cs
R
cs
Where:
Rcs - The setup resistor connected between the
CS pin and the GND pin.
□
Current sampling and leading edge blanking
At each moment when the power MOSFET is turned on,
the voltage across the sampling resistor is compared
with the internal overcurrent comparator to control the
output current. However, at the moment when the
MOSFET is turned on, a voltage spike caused by the
parasitic capacitance of the MOSFET and the reverse
recovery current of the freewheeling diode will also be
generated. In order to avoid the wrong shutdown of the
drive signal, the chip is designed with a leading edge
blanking time. During this time (typical value 500ns),
the internal PWM comparator stops working to ensure
that the drive signal is stably turned on.
During the shutdown process or when the input voltage
is very low, the system will encounter the maximum on
time, and VCS_PK and Tovp will decrease proportionally,
which can avoid the false triggering of the output
overvoltage protection. In a non-isolated buck system,
the inductor demagnetization voltage is the output voltage.
Therefore, the demagnetization time Tdem during
overvoltage protection satisfies the following equation:
L
V
CS_PK
Where:
T
dem
T
ovp
OVP
R
cs
VCS_PK is the current peak sampling voltage,
which is the overcurrent comparator reference
voltage (600mV) during normal operation.
VOVP is the overvoltage protection voltage value
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com