Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP9502AB Datasheet(PDF) 2 Page - Shenzhen Developer Microelectronics Co., Ltd

Part # DP9502AB
Description  Non-Isolated, Step-Down Quasi-Resonant LED Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd

DP9502AB Datasheet(HTML) 2 Page - Shenzhen Developer Microelectronics Co., Ltd

  DP9502AB Datasheet HTML 1Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 2Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 3Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 4Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 5Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 6Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 7Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 8Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 9Page - Shenzhen Developer Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.publicxin.com
Peng Jijun
13326967551 translated to English by Yevhen Stadnik 380972333363
2
DP950XB
Non-Isolated, Step-Down Quasi-Resonant LED Power Switch
Pin package
Product Marking
Output power meter
SOP-7
DIP-7
SOP-7
DIP-7
Product Model
Body type
Maximum output current (176-265Vac)
Minimum output volt.
36V Output
72V Output
DP9501C
SOP-7
130mA
110 mA
20V
DP9501AB
SOP-7
200mA
160 mA
DP9501B
SOP-7
260 mA
220 mA
DP9502AB
SOP-7
280 mA
250 mA
DP9502B
SOP-7
340 mA
280 mA
DP9503AB
SOP-7
380 mA
320 mA
DP9503B
SOP-7
450 mA
350 mA
DP9502AB
DIP-7
280 mA
260 mA
DP9502B
DIP-7
350 mA
300 mA
DP9503AB
DIP-7
420 mA
350 mA
DP9503B
DIP-7
500 mA
380 mA
DP9504B
DIP-7
550 mA
450 mA
Note: The maximum output power is limited by the maximum junction temperature of the chip and is related to the ambient temperature and PCB.
Pin Function Description
Pins
Name
I/O
Description
1
GND
P
Chip reference ground
2
ROVP
I
Connect a resistor to ground to adjust the output overvoltage protection. It is
recommended to use a resistor greater than 6K to connect to GND. When the pin is left
floating, there is no OVP protection function. The ROVP pin also integrates an enable
function, which shuts down the system when this pin is grounded.
3
NC
---
Non-functional pin, left floating in application
4
HVDD
P
Chip high voltage power supply pin
5,6
Drain
P
Internal power MOSFET drain input pin
7
CS
I
Current setup input pin



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com