Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP9502AB Datasheet(PDF) 5 Page - Shenzhen Developer Microelectronics Co., Ltd

Part # DP9502AB
Description  Non-Isolated, Step-Down Quasi-Resonant LED Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd

DP9502AB Datasheet(HTML) 5 Page - Shenzhen Developer Microelectronics Co., Ltd

  DP9502AB Datasheet HTML 1Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 2Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 3Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 4Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 5Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 6Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 7Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 8Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 9Page - Shenzhen Developer Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.publicxin.com
Peng Jijun
13326967551 translated to English by Yevhen Stadnik 380972333363
5
DP950XB
Non-Isolated, Step-Down Quasi-Resonant LED Power Switch
Vcs(max)
Peak current reference
590
600
610
mV
TD_OC
Shutdown Delay
(Note 3)
100
ns
Output overvoltage protection section (ROVP pin)
IROVP
ROVP Output Current
40
uA
Enable part (ROVP pin)
VROVP
ROVP Voltage
When V ROVP <150mV
the chip stops working
150
mV
Overheat protection part
TSD
Intelligent temperature
adjustment threshold
(Note 3)
145
°C
High voltage startup and IC power supply section (HVDD pin)
IHV
HV Charging Current
HVDD =20V
10
mA
IHV_leak
HV Leakage Current
10
40
60
uA
High voltage MOSFET part (Drain pin)
VBR
High Voltage MOSFET
Breakdown Voltage
500
V
DP9501C
18
Ω
DP9501AB
12
Ω
DP9501B
8.5
Ω
DP9502AB
5.8
Ω
DP9502B
4.8
Ω
DP9503AB
3.5
Ω
DP9503B
2.5
Ω
DP9504B
1.8
Ω
Note 1: Exceeding the "absolute maximum parameters" in the table may cause permanent damage to the device. Absolute maximum
parameters are stress ratings. The device may not work properly under conditions exceeding the recommended operating conditions
and stress, so it is not recommended to operate the device under these conditions. Excessive exposure to conditions higher than the
recommended maximum operating conditions may affect the reliability of the device.
Note 2: Maximum power dissipation PDmax = (T Jmax -TA)/Ɵ JA
Note 3: Parameters depend on actual design and functional testing is performed during mass production.
The maximum power dissipation will decrease as the
ambient temperature increases.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com