Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP9502AB Datasheet(PDF) 8 Page - Shenzhen Developer Microelectronics Co., Ltd

Part # DP9502AB
Description  Non-Isolated, Step-Down Quasi-Resonant LED Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd

DP9502AB Datasheet(HTML) 8 Page - Shenzhen Developer Microelectronics Co., Ltd

Back Button DP9502AB Datasheet HTML 2Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 3Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 4Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 5Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 6Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 7Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 8Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 9Page - Shenzhen Developer Microelectronics Co., Ltd DP9502AB Datasheet HTML 10Page - Shenzhen Developer Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.publicxin.com
Peng Jijun
13326967551 translated to English by Yevhen Stadnik 380972333363
8
DP950XB
Non-Isolated, Step-Down Quasi-Resonant LED Power Switch
When Tdem<Tovp, the system will trigger the output
overvoltage protection. When designing the
system, the required ROVP resistor value can be
calculated based on the required overvoltage
protection voltage (VOVP):
V
(V) R (ohm)
□
Soft Driver
DP950XB is designed with soft driving circuit to
effectively reduce EMI noise.
R
OVP
= 0.08
OVP
CS
L(mH)
(kohm)
□
Automatic restart protection
When the LED is open circuit or the output is overvoltage,
the circuit enters the automatic restart mode. At this time,
the internal power MOSFET stops conducting and the
internal timer starts working. When the timer counts to
16ms, the chip will reset the protection logic and enter the
restart mode. However, if the fault does not disappear after
the restart, the chip will repeat the above protection actions
until the fault disappears.
□
Over temperature protection (OTP)
DP950XB has an internal overheat protection function.
When the chip detects that the junction temperature exceeds
145℃, the internal output current reference begins to
gradually decrease until the temperature reaches equilibrium,
as shown in Figure 1. The overheat protection function
limits the maximum temperature of the system and improves
the reliability of the system.
LED
current
Overheat
protection
Figure 1
Current
, mA
Temperature, ℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com