Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272 Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 138Page - STMicroelectronics ST10F272 Datasheet HTML 139Page - STMicroelectronics ST10F272 Datasheet HTML 140Page - STMicroelectronics ST10F272 Datasheet HTML 141Page - STMicroelectronics ST10F272 Datasheet HTML 142Page - STMicroelectronics ST10F272 Datasheet HTML 143Page - STMicroelectronics ST10F272 Datasheet HTML 144Page - STMicroelectronics ST10F272 Datasheet HTML 145Page - STMicroelectronics ST10F272 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 179 page
background image
Electrical characteristics
ST10F272
142/179
The formula above provides a constraints for external network design, in particular on
resistive path.
A second aspect involving the capacitance network shall be considered. Assuming the three
capacitances CF, CP1 and CP2 initially charged at the source voltage VA (refer to the
equivalent circuit reported in Figure 40), when the sampling phase is started (A/D switch
close), a charge sharing phenomena is installed.
Figure 41.
Charge sharing timing diagram during sampling phase
In particular two different transient periods can be distinguished (see Figure 41):
●
A first and quick charge transfer from the internal capacitance CP1 and CP2 to the
sampling capacitance CS occurs (CS is supposed initially completely discharged):
considering a worst case (since the time constant in reality would be faster) in which
CP2 is reported in parallel to CP1 (call CP = CP1 + CP2), the two capacitance CP and CS
are in series, and the time constant is:
This relation can again be simplified considering only CS as an additional worst
condition. In reality, the transient is faster, but the A/D Converter circuitry has been
designed to be robust also in the very worst case: the sampling time TS is always much
longer than the internal time constant:
The charge of CP1 and CP2 is redistributed also on CS, determining a new value of the
voltage VA1 on the capacitance according to the following equation:
●
A second charge transfer involves also CF (that is typically bigger than the on-chip
capacitance) through the resistance RL: again considering the worst case in which CP2
and CS were in parallel to CP1 (since the time constant in reality would be faster), the
time constant is:
In this case, the time constant depends on the external circuit: in particular imposing
that the transient is completed well before the end of sampling time TS, a constraints on
VA
VA1
VA2
t
TS
VCS
Voltage Transient on CS
∆V < 0.5 LSB
1
2
τ
1 < (RSW + RAD) CS << TS
τ
2 = RL (CS + CP1 + CP2)
τ
1
R
SW
R
AD
+
()
=
C
P
C
S
⋅
C
P
C
S
+
-----------------------
⋅
τ
1
R
SW
R
AD
+
()
<
C
S
T
S
<<
⋅
V
A1
C
S
C
P1
C
P2
++
()
⋅
V
A
C
P1
C
P2
+
()
⋅
=
τ
2
R
L
<
C
S
C
P1
C
P2
++
()
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com