Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272 Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 142Page - STMicroelectronics ST10F272 Datasheet HTML 143Page - STMicroelectronics ST10F272 Datasheet HTML 144Page - STMicroelectronics ST10F272 Datasheet HTML 145Page - STMicroelectronics ST10F272 Datasheet HTML 146Page - STMicroelectronics ST10F272 Datasheet HTML 147Page - STMicroelectronics ST10F272 Datasheet HTML 148Page - STMicroelectronics ST10F272 Datasheet HTML 149Page - STMicroelectronics ST10F272 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 179 page
background image
Electrical characteristics
ST10F272
146/179
24.8
AC characteristics
24.8.1
Test waveforms
Figure 43.
Input / output waveforms
Figure 44.
Float waveforms
24.8.2
Definition of internal timing
The internal operation of the ST10F272 is controlled by the internal CPU clock fCPU. Both
edges of the CPU clock can trigger internal (for example pipeline) or external (for example
bus cycles) operations.
The specification of the external timing (AC Characteristics) therefore depends on the time
between two consecutive edges of the CPU clock, called “TCL”.
The CPU clock signal can be generated by different mechanisms. The duration of TCL and
its variation (and also the derived external timing) depends on the mechanism used to
generate fCPU.
This influence must be regarded when calculating the timings for the ST10F272.
The example for PLL operation shown in Figure 45 refers to a PLL factor of 4.
The mechanism used to generate the CPU clock is selected during reset by the logic levels
on pins P0.15-13 (P0H.7-5).
2.4V
0.4V
Test Points
2.0V
2.0V
0.8V
0.8V
AC inputs during testing are driven at 2.4V for a logic ‘1’ and 0.4V for a logic ‘0’.
Timing measurements are made at VIH min. for a logic ‘1’ and VIL max for a logic ‘0’.
Timing
Reference
Points
VLOAD + 0.1V
VLOAD - 0.1V
VOH - 0.1V
VOL + 0.1V
VLOAD
VOL
VOH
For timing purposes a port pin is no longer floating when VLOAD changes of ±100mV.
It begins to float when a 100mV change from the loaded VOH/VOL level occurs (IOH/IOL = 20m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com