Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272 Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 140Page - STMicroelectronics ST10F272 Datasheet HTML 141Page - STMicroelectronics ST10F272 Datasheet HTML 142Page - STMicroelectronics ST10F272 Datasheet HTML 143Page - STMicroelectronics ST10F272 Datasheet HTML 144Page - STMicroelectronics ST10F272 Datasheet HTML 145Page - STMicroelectronics ST10F272 Datasheet HTML 146Page - STMicroelectronics ST10F272 Datasheet HTML 147Page - STMicroelectronics ST10F272 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 179 page
background image
Electrical characteristics
ST10F272
144/179
From this formula, in the worst case (when VA is maximum, that is for instance 5V),
assuming to accept a maximum error of half a count (~2.44mV), it is immediately evident a
constraints on CF value:
In the next section an example of how to design the external network is provided, assuming
some reasonable values for the internal parameters and making hypothesis on the
characteristics of the analog signal to be sampled.
Example of external network sizing
The following hypothesis are formulated in order to proceed in designing the external
network on A/D Converter input pins:
●
Analog Signal Source Bandwidth (f0):10kHz
●
conversion Rate (fC):25kHz
●
Sampling Time (TS):1µs
●
Pin Input Capacitance (CP1):5pF
●
Pin Input Routing Capacitance (CP2):1pF
●
Sampling Capacitance (CS):4pF
●
Maximum Input Current Injection (IINJ):3mA
●
Maximum Analog Source Voltage (VAM):12V
●
Analog Source Impedance (RS):100Ω
●
Channel Switch Resistance (RSW):500Ω
●
Sampling Switch Resistance (RAD):200Ω
C
F
2048 C
S
⋅
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com