Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272 Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 144Page - STMicroelectronics ST10F272 Datasheet HTML 145Page - STMicroelectronics ST10F272 Datasheet HTML 146Page - STMicroelectronics ST10F272 Datasheet HTML 147Page - STMicroelectronics ST10F272 Datasheet HTML 148Page - STMicroelectronics ST10F272 Datasheet HTML 149Page - STMicroelectronics ST10F272 Datasheet HTML 150Page - STMicroelectronics ST10F272 Datasheet HTML 151Page - STMicroelectronics ST10F272 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 179 page
background image
Electrical characteristics
ST10F272
148/179
24.8.4
Prescaler operation
When pins P0.15-13 (P0H.7-5) equal ’001’ during reset, the CPU clock is derived from the
internal oscillator (input clock signal) by a 2:1 prescaler.
The frequency of fCPU is half the frequency of fXTAL and the high and low time of fCPU (i.e.
the duration of an individual TCL) is defined by the period of the input clock fXTAL.
The timings listed in the AC Characteristics that refer to TCL therefore can be calculated
using the period of fXTAL for any TCL.
Note that if the bit OWDDIS in SYSCON register is cleared, the PLL runs on its free-running
frequency and delivers the clock signal for the Oscillator Watchdog. If bit OWDDIS is set,
then the PLL is switched off.
24.8.5
Direct drive
When pins P0.15-13 (P0H.7-5) equal ’011’ during reset the on-chip phase locked loop is
disabled, the on-chip oscillator amplifier is bypassed and the CPU clock is directly driven by
the input clock signal on XTAL1 pin.
The frequency of CPU clock (fCPU) directly follows the frequency of fXTAL so the high and
low time of fCPU (i.e. the duration of an individual TCL) is defined by the duty cycle of the
input clock fXTAL.
Therefore, the timings given in this chapter refer to the minimum TCL. This minimum value
can be calculated by the following formula:
For two consecutive TCLs, the deviation caused by the duty cycle of fXTAL is compensated,
so the duration of 2TCL is always 1/fXTAL.
The minimum value TCLmin has to be used only once for timings that require an odd number
of TCLs (1,3,...). Timings that require an even number of TCLs (2,4,...) may use the formula:
The address float timings in Multiplexed bus mode (t11 and t45) use the maximum duration of
TCL (TCLmax = 1/fXTAL x DCmax) instead of TCLmin.
Similarly to what happen for Prescaler Operation, if the bit OWDDIS in SYSCON register is
cleared, the PLL runs on its free-running frequency and delivers the clock signal for the
Oscillator Watchdog. If bit OWDDIS is set, then the PLL is switched off.
24.8.6
Oscillator watchdog (OWD)
An on-chip watchdog oscillator is implemented in the ST10F272. This feature is used for
safety operation with external crystal oscillator (available only when using direct drive mode
with or without prescaler, so the PLL is not used to generate the CPU clock multiplying the
frequency of the external crystal oscillator). This watchdog oscillator operates as following.
The reset default configuration enables the watchdog oscillator. It can be disabled by setting
the OWDDIS (bit 4) of SYSCON register.
When the OWD is enabled, the PLL runs at its free-running frequency, and it increments the
watchdog counter. On each transition of external clock, the watchdog counter is cleared. If
TCL
min
1f
⁄
XTALl
xlDC
min
=
DC
duty cycle
=
2TCL
1 f
XTAL
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com