Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2Q3 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 61Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 62Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 63Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 64Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 65Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 66Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 67Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 68Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 179 page
background image
ST10F272
Parallel ports
65/179
13
Parallel ports
13.1
Introduction
The ST10F272 MCU provides up to 111 I/O lines with programmable features. These
capabilities bring very flexible adaptation of this MCU to wide range of applications.
ST10F272 has nine groups of I/O lines gathered as follows:
●
Port 0 is a two time 8-bit port named P0L (Low as less significant byte) and P0H (high
as most significant byte)
●
Port 1 is a two time 8-bit port named P1L and P1H
●
Port 2 is a 16-bit port
●
Port 3 is a 15-bit port (P3.14 line is not implemented)
●
Port 4 is a 8-bit port
●
Port 5 is a 16-bit port input only
●
Port 6, Port 7 and Port 8 are 8-bit ports
These ports may be used as general purpose bidirectional input or output, software
controlled with dedicated registers.
For example, the output drivers of six of the ports (2, 3, 4, 6, 7, 8) can be configured (bit-
wise) for push-pull or open drain operation using ODPx registers.
The input threshold levels are programmable (TTL/CMOS) for all the ports. The logic level of
a pin is clocked into the input latch once per state time, regardless whether the port is
configured for input or output. The threshold is selected with PICON and XPICON registers
control bits.
A write operation to a port pin configured as an input causes the value to be written into the
port output latch, while a read operation returns the latched state of the pin itself. A read-
modify-write operation reads the value of the pin, modifies it, and writes it back to the output
latch.
Writing to a pin configured as an output (DPx.y=‘1’) causes the output latch and the pin to
have the written value, since the output buffer is enabled. Reading this pin returns the value
of the output latch. A read-modify-write operation reads the value of the output latch,
modifies it, and writes it back to the output latch, thus also modifying the level at the pin.
I/O lines support an alternate function which is detailed in the following description of each
port.
13.2
I/O’s special features
13.2.1
Open drain mode
Some of the I/O ports of ST10F272 support the open drain capability. This programmable
feature may be used with an external pull-up resistor, in order to get an AND wired logical
function.
This feature is implemented for ports P2, P3, P4, P6, P7 and P8 (see respective sections),
and is controlled through the respective Open Drain Control Registers ODPx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com