Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2Q3 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 68Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 69Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 70Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 71Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 72Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 73Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 74Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 75Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 179 page
background image
Serial channels
ST10F272
72/179
Note:
The deviation errors given in the Table 42 and Table 43 are rounded. To avoid deviation
errors use a Baud rate crystal (providing a multiple of the ASC0 sampling frequency)
15.4
High speed synchronous serial interfaces
The High-Speed Synchronous Serial Interfaces (SSC0 and SSC1) provides flexible high-
speed serial communication between the ST10F272 and other microcontrollers,
microprocessors or external peripherals.
The SSCx supports full-duplex and half-duplex synchronous communication. The serial
clock signal can be generated by the SSCx itself (master mode) or be received from an
external master (slave mode). Data width, shift direction, clock polarity and phase are
programmable.
This allows communication with SPI-compatible devices. Transmission and reception of data
is double-buffered. A 16-bit Baud rate generator provides the SSCx with a separate serial
clock signal. The serial channel SSCx has its own dedicated 16-bit Baud rate generator with
16-bit reload capability, allowing Baud rate generation independent from the timers.
900
0.0% / 0.0%
15B2 / 15B3
600
0.0% / 0.0%
15B2 / 15B3
612
0.0% / 0.0%
1FE8 / 1FE9
407
0.0% / 0.0%
1FFD / 1FFE
Table 42.
ASC synchronous baud rates by reload value and deviation errors (fCPU = 40 MHz)
S0BRS = ‘0’, fCPU = 40 MHz
S0BRS = ‘1’, fCPU = 40 MHz
Baud Rate (Baud) Deviation Error
Reload Value
(hex)
Baud Rate (Baud) Deviation Error
Reload Value
(hex)
Table 43.
ASC synchronous baud rates by reload value and deviation errors (fCPU = 64 MHz)
S0BRS = ‘0’, fCPU = 64 MHz
S0BRS = ‘1’, fCPU = 64 MHz
Baud Rate (Baud) Deviation Error
Reload Value
(hex)
Baud Rate (Baud) Deviation Error
Reload Value
(hex)
8 000 000
0.0% / 0.0%
0000 / 0000
5 333 333
0.0% / 0.0%
0000 / 0000
112 000
+0.6% / -0.8%
0046 / 0047
112 000
+1.3% / -0.8%
002E / 002F
56 000
+0.6% / -0.1%
008D / 008E
56 000
+0.3% / -0.8%
005E / 005F
38 400
+0.2% / -0.3%
00CF / 00D0
38 400
+0.6% / -0.1%
0089 / 008A
19 200
+0.2% / -0.1%
019F / 01A0
19 200
+0.3% / -0.1%
0114 / 0115
9 600
+0.0% / -0.1%
0340 / 0341
9 600
+0.1% / -0.1%
022A / 022B
4 800
0.0% / 0.0%
0681 / 0682
4 800
0.0% / -0.1%
0456 / 0457
2 400
0.0% / 0.0%
0D04 / 0D05
2 400
0.0% / 0.0%
08AD / 08AE
1 200
0.0% / 0.0%
1A09 / 1A0A
1 200
0.0% / 0.0%
115B / 115C
977
0.0% / 0.0%
1FFB / 1FFC
900
0.0% / 0.0%
1724 / 1725
652
0.0% / 0.0%
1FF2 / 1FF3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com