Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2Q3 Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 70Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 71Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 72Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 73Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 74Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 75Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 76Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 77Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 179 page
background image
I2C interface
ST10F272
74/179
16
I2C interface
The integrated I2C Bus Module handles the transmission and reception of frames over the
two-line SDA/SCL in accordance with the I2C Bus specification. The I2C Module can
operate in slave mode, in master mode or in multi-master mode. It can receive and transmit
data using 7-bit or 10-bit addressing. Data can be transferred at speeds up to 400 Kbit/s
(both Standard and Fast I2C bus modes are supported).
The module can generate three different types of interrupt:
●
Requests related to bus events, like start or stop events, arbitration lost, etc.
●
Requests related to data transmission
●
Requests related to data reception
These requests are issued to the interrupt controller by three different lines, and identified as
Error, Transmit, and Receive interrupt lines.
When the I2C module is enabled by setting bit XI2CEN in XPERCON register, pins P4.4 and
P4.7 (where SCL and SDA are respectively mapped as alternate functions) are
automatically configured as bidirectional open-drain: the value of the external pull-up
resistor depends on the application. P4, DP4 and ODP4 cannot influence the pin
configuration.
When the I2C cell is disabled (clearing bit XI2CEN), P4.4 and P4.7 pins are standard I/ O
controlled by P4, DP4 and ODP4.
The speed of the I2C interface may be selected between Standard mode (0 to 100 kHz) and
Fast I2C mode (100 to 400 kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com