Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2Q3 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 73Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 74Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 75Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 76Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 77Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 78Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 79Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 80Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 179 page
background image
ST10F272
CAN modules
77/179
Multiple CAN bus
The ST10F272 provides two CAN interfaces to support such kind of bus configuration as
shown in Figure 15.
Figure 15.
Connection to two different CAN buses (e.g. for gateway application)
Parallel Mode
In addition to previous configurations, a parallel mode is supported. This is shown in
Figure 16.
Figure 16.
Connection to one CAN bus with internal Parallel Mode enabled
CAN_H
CAN_L
CAN bus 1
CAN_H
CAN_L
CAN bus 2
XMISC.CANPAR = 0
CAN1
RX
TX
CAN2
RX
TX
CAN
CAN
Transceiver
Transceiver
P4.4
P4.7
P4.5
P4.6
XMISC.CANPAR = 1
CAN2
RX
TX
P4.4
P4.7
P4.5
P4.6
CAN
CAN_H
CAN_L
CAN bus
Transceiver
CAN1
RX
TX
(Both CAN enabled)
1.
P4.4 and P4.7 when not used as CAN functions can be used as general purpose I/O
while they cannot be used as external bus address lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com