Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2Q3 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 99Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 100Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 101Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 102Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 103Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 104Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 105Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 106Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 179 page
background image
ST10F272
System reset
103/179
20.9
Reset summary
A summary of the different reset events is reported in the table below.
Table 49.
Reset event
Event
RSTIN
WDTCON Flags
min
max
Power-on Reset
0
0
N
Asynch.
1 ms (VREG)
1.2 ms
(Reson. + PLL)
10.2 ms
(Crystal + PLL)
-
11
11
0
0
1
N
Asynch.
1ms (VREG)
-
1
1
1
1
0
1
x
x
FORBIDDEN
x
x
Y
NOT APPLICABLE
Hardware Reset
(Asynchronous)
0
0
N
Asynch.
500ns
-
0
1
1
1
0
0
1
N
Asynch.
500ns
-
0
1
1
1
0
0
0
Y
Asynch.
500ns
-
0
1
1
1
0
0
1
Y
Asynch.
500ns
-
0
1
1
1
0
Short Hardware
Reset
(Synchronous) (1)
1
0
N
Synch.
max (4 TCL, 500ns)
1032 + 12 TCL +
max(4 TCL, 500ns)
00
11
0
1
1
N
Synch.
max (4 TCL, 500ns)
1032 + 12 TCL +
max(4 TCL, 500ns)
00
11
0
1
0
Y
Synch.
max (4 TCL, 500ns)
1032 + 12 TCL +
max(4 TCL, 500ns)
00
11
0
Activated by internal logic for 1024 TCL
1
1
Y
Synch.
max (4 TCL, 500ns)
1032 + 12 TCL +
max(4 TCL, 500ns)
00
11
0
Activated by internal logic for 1024 TCL
Long Hardware
Reset
(Synchronous)
1
0
N
Synch.
1032 + 12 TCL +
max(4 TCL, 500ns)
-
0
11
10
1
1
N
Synch.
1032 + 12 TCL +
max(4 TCL, 500ns)
-
0
11
10
1
0
Y
Synch.
1032 + 12 TCL +
max(4 TCL, 500ns)
-
01
11
0
Activated by internal logic only for 1024 TCL
1
1
Y
Synch.
1032 + 12 TCL +
max(4 TCL, 500ns)
-
01
11
0
Activated by internal logic only for 1024 TCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com