Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AQS2CWCPSI Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # AQS2CWCPSI
Description  ST-2A Digital Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

AQS2CWCPSI Datasheet(HTML) 4 Page - Ashcroft, Inc.

  AQS2CWCPSI Datasheet HTML 1Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 2Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 3Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 4Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 5Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 6Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 7Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 8Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 9Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 9
ST-2A Digital Indicator
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Quick-Select™ and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are
the property of their respective owners: 17-4 PH®, VCR®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. ST-2A_gauge_ds_RevD_01-24-23
ashcroft.com
| 1.800.328.8258 | Contact Us
Data Sheet
Data Sheet
ORDERING CODE
Example:
AQS
1
C
A
C
INWC
5.0
A
Model
AQS - Low pressure Quick-Select™ calibrator module
AQS
Sensor Type
1- Capacitive Sensor
1
Accuracy
B - ±0.1% Accuracy
C - ±0.06% Accuracy (for ranges 1.0 in. H2O and higher)
C
C - ±0.07% Accuracy (for ranges 0.5 in. H2O and lower)
Media Compatibility
A - Non-isolated sensor, clean dry gas only
A
Pressure Type
C - Compound
C
D - Differential
Pressure Units
INWC - In. H
2O
INWC
Pressure Range Differential
0.25 - IWC (in. H
2O)
NOTE 1
0.5 - IWC (in. H
2O)
NOTE 1
1.0 - IWC (in. H
2O)
2.0 - IWC (in. H
2O)
3.0 - IWC (in. H
2O)
5.0 - IWC (in. H
2O)
5.0
10 - IWC (in. H
2O)
15 - IWC (in. H
2O)
25 - IWC (in. H
2O)
50 - IWC (in. H
2O)
100 - IWC (in. H
2O)
150 - IWC (in. H
2O)
200 - IWC (in. H
2O)
Pressure Range Compound
0.125 - IWC (in. H
2O)
NOTE 1
0.25 - IWC (in. H
2O)
NOTE 1
0.5 - IWC (in. H
2O)
NOTE 1
1.0 - IWC (in. H
2O)
1.5 - IWC (in. H
2O)
2.5 - IWC (in. H
2O)
5.0 - IWC (in. H
2O)
7.5 - IWC (in. H
2O)
12.5 - IWC (in. H
2O)
25 - IWC (in. H
2O)
50 - IWC (in. H
2O)
75 - IWC (in. H
2O)
100 - IWC (in. H
2O)
Inlet Fitting
A - 1⁄8 NPT Female
A
Note (1) Accuracy is _/- 0.07% of span
Consult factory for additional pressure units and ranges
AQS-1 Low Pressure Quick-Select™ Pressure Modules



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com