Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AQS2CWCPSI Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # AQS2CWCPSI
Description  ST-2A Digital Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

AQS2CWCPSI Datasheet(HTML) 2 Page - Ashcroft, Inc.

  AQS2CWCPSI Datasheet HTML 1Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 2Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 3Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 4Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 5Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 6Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 7Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 8Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 9Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
ST-2A Digital Indicator
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Quick-Select™ and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are
the property of their respective owners: 17-4 PH®, VCR®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. ST-2A_gauge_ds_RevD_01-24-23
ashcroft.com
| 1.800.328.8258 | Contact Us
Data Sheet
Data Sheet
ORDERING CODE
Example:
ST2H
1
B
X
D1
X
XNH
Power Supply
1 - 110 Vac/60 Hz
ST2H1
2 - 220 Vac/50 Hz
3 - 100 Vac/60 Hz
Display
N - No backlight
B - With Backlight
B
Standard Temperature
X
X
Datalogging
DX - No logging
D1 - With logging
D1
Approvals
X - No approvals
X
Options
X - No options
X
N - NiCad battery pack (rechargeable)
N
A - Alkaline battery pack (non-rechargeable)
H - Carry handle
H
L - Loop power supply
P - Panel mounting bracket
Built in Loop power supply to power device under test (optional).
Percent Error Function can be used when calibrating pres-
sure transducers. Calculations are performed by the ST-2A
eliminating potential for human errors. This function enables
the user to program the full scale range and electrical output
of the transducer under test, and will display the actual pres-
sure and electrical output readings as well as a percentage
value comparing the actual output to the theoretical output.
Leak Detect provides the ability to detect and quantify leaks
in terms of pressure decay over time. In the pressure decay
over time mode the unit will monitor the desired pressure
vessel for the programmed time interval and, at the end of
the monitoring time period, display the measured change in
pressure.
Switch Test Function the system can be used to test pres-
sure and temperature switches. On board firmware provides
the ability to verify switch trip points, reset point and to test
the dead band of a pressure switch.
Data Logging (Optional) Log up to 714 records on internal
memory
STANDARD FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com