Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AQS2CWCPSI Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # AQS2CWCPSI
Description  ST-2A Digital Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

AQS2CWCPSI Datasheet(HTML) 1 Page - Ashcroft, Inc.

  AQS2CWCPSI Datasheet HTML 1Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 2Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 3Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 4Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 5Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 6Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 7Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 8Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 9Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
ST-2A Digital Indicator
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Quick-Select™ and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are the
property of their respective owners: 17-4 PH®, VCR®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. ST-2A_gauge_ds_RevD_01-24-23
ashcroft.com
| 1.800.328.8258 | Contact Us
Data Sheet
SPECIFICATIONS
Available Pressure
Measurement
Accuracies:
AQS-1 Module Type:
±0.06% (0.07%) or 0.1% of span
AQS-2 Module Type:
±0.025%, 0.05% or 0.1% of span
Display:
Standard: Alphanumeric LCD, 0.37-inch height,
2 lines, 16 characters/line
Optional: Backlit LCD
Display Resolution:
±0.002% of span, 60,000 counts (max)
Display Update Rate:
130 ms (nominal) with one sensor installed
Engineering Units:
psi, in. H
2O, in. Hg, ftSW, bar, mbar, kPa, MPa,
mm Hg, cm H
2O, mm H2O and kg/cm
2
and any
single user-programmable engineering unit
Damping:
Programmable averaging from zero through
16 consecutive readings
Standard Operating
Range:
32 °F to 120 °F (0 °C to 49 °C)
Compensated Range:
20 °F to 120°F (-7 °C to 49 °C)
Reference Temperature 70 °F ±3 °F
Standard Temperature
Effect:
0.004% of span per degree Fahrenheit over the
compensated range
Optional Extended
Temperature
Compensation:
AQS-2 Quick-Select™ modules are available
calibrated to maintain rated accuracy over the
20 °F to 120 °F (-7 °C to 49 °C) compensated
temperature range.
Storage Temperature:
-4 °F to +158 °F (-20 °C to 70 °C)
Electrical Sourcing:
24 Vdc at 25 mA
Electrical Measurement
Specification::
Input (volts) Accuracy:
0/10 Vdc ±0.025% of span
0/30 Vdc ±0.10% of span
Input (mA) Accuracy:
0/20 mA ±0.03% with of span
Temperature Effects
Electrical Measurement:
±0.001% of span per °F over the compensated
range (Reference temp. 70 °F ± 3 °F)
FEATURES
Benchtop indicator able to measure up to
3 parameters; pressure, temperature, voltage
or current
Interchangeable pressure modules with pressure
ranges from 0.25 in. H2O up to 10,000 psi
Measurement accuracy +/- 0.1%, 0.05% or
0.025% of span
RS232 serial communication
Traceable calibration certificate included with
base and modules
ST-2A
Digital Indicator
KEY BENEFITS
• Measurement flexibility of interchangeable Quick- Select™
calibrator modules
• Built in functions including leak detect, flow measurement
and datalogging
Weight: ST-2A Base
unit:
3.0 lb (1.4 kg)
Housing:
Molded, high-impact ABS case
Electrical Connections: Standard banana jacks
Optional Battery Power
Supply:
5 “AA” nicads with built-in charger or
5 “AA” alkaline (nonrechargeable)
Portable (Battery)
Operation:
20 hours with optional backlight
off, 2 hours with backlight on
External Power Supply: AC adaptor 9 Vdc, 500 mA
Warm-up:
5 minutes for rated accuracy (maximum),
30 minutes for complete stability
RS232 Serial Interface
With 9-pin D type at 300, 1200, 2400, 9600 baud.
Field Calibration:
Calibration module and proper pressure and
electrical standards are required
Optional Data Logging
Capacity:
Standard measurements: 714 records
Date/time stamped measurements: 384 records
Provides prompts for storage of calibration history
information, including instrument tags
As Found/As Left data and corresponding
ambient temperature
SPECIFICATIONS CONTINUED


Similar Part No. - AQS2CWCPSI

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQS210 NAIS-AQS210 Datasheet
58Kb / 4P
PhotoMOS RELAYS
AQS210PS NAIS-AQS210PS Datasheet
101Kb / 4P
DAA (Data Access Arrangement) circuit package. SOP 16-pin type.
AQS210PSX NAIS-AQS210PSX Datasheet
101Kb / 4P
DAA (Data Access Arrangement) circuit package. SOP 16-pin type.
AQS210PSZ NAIS-AQS210PSZ Datasheet
101Kb / 4P
DAA (Data Access Arrangement) circuit package. SOP 16-pin type.
AQS210T2SX NAIS-AQS210T2SX Datasheet
58Kb / 4P
PhotoMOS RELAYS
More results

Similar Description - AQS2CWCPSI

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
CMOS ST-BUS??FAMILY Enhanced Digital Switch
logo
List of Unclassifed Man...
UDM35 ETC2-UDM35 Datasheet
667Kb / 11P
Digital Panel Meters Modular Indicator and Controller
UDM40 ETC2-UDM40 Datasheet
668Kb / 11P
Digital Panel Meters Modular Indicator and Controller
logo
TT Electronics.
DS1951 TTELEC-DS1951 Datasheet
541Kb / 2P
FW Series Digital Flow Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com