Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AQS2CWCPSI Datasheet(PDF) 5 Page - Ashcroft, Inc.

Part # AQS2CWCPSI
Description  ST-2A Digital Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

AQS2CWCPSI Datasheet(HTML) 5 Page - Ashcroft, Inc.

  AQS2CWCPSI Datasheet HTML 1Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 2Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 3Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 4Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 5Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 6Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 7Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 8Page - Ashcroft, Inc. AQS2CWCPSI Datasheet HTML 9Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
ST-2A Digital Indicator
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Quick-Select™ and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are
the property of their respective owners: 17-4 PH®, VCR®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. ST-2A_gauge_ds_RevD_01-24-23
ashcroft.com
| 1.800.328.8258 | Contact Us
Data Sheet
ORDERING CODE
Example:
AQS
2
C
I
C
PSI
30
A
Model
AQS - Medium high pressure module
AQS
Sensor Type
2- Piezoresistive sensor
2
Accuracy
B - ±0.1% Accuracy (STD.)
C - ±0.05 % Accuracy (STD.)
C
D - ±0.025 % Accuracy (STD.)
F - ±0.1% Enhanced temperature compensation 20 °F to 120 °F
G - ±0.05% Enhanced temperature compensation 20 °F to 120 °F
H - ±0.025% Enhanced temperature compensation 20 °F to 120 °F
Media Compatibility
I - Isolated 316 Stainless steel wetted parts
I
W - Cleaned to ASME B40.100 level IV NOT marked for O
2 service
Pressure Type
G - Gauge
A - Absolute
V - Vacuum
C - Compound
C
Pressure Units
PSI - psi
PSI
Pressure Range - Gauge and absolute (all ranges include 316 stainless steel isolation)
5 psi
NOTE 1
10 psi
15 psi
20 psi
25 psi
30 psi
30
50 psi
60 psi
100 psi
150 psi
200 psi
250 psi
300 psi
500 psi
600 psi
1000 psi
1500 psi
2000 psi
2500 psi
3000 psi
5000 psi
6000 psi
7500 psi
10000 psi
NOTE 1
Pressure Range - Vacuum
5 psi
10 psi
15 psi
(Note 1) Gauge pressure only. Accuracy +/-0.1% of span.
Consult factory for additional pressure units and ranges.
AQS-2 Quick-Select™ Medium High Pressure Modules



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com