Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMX2000 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HMX2000
Description  MIXED SIGNAL SOI GATE ARRAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HMX2000 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HMX2000 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HMX2000 Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MIXED SIGNAL SOI GATE ARRAYS
HMX2000
FAMILY
Features
General Description
Fabricated on Honeywell’s RICMOSTM IV Silicon
On Insulator (SOI) process
-
0.8 m Process (Leff = .65 m)
HMX2000 supports 5V operation
TTL, CMOS, Cold Spare compatible I/O
3 or 4 layer metal interconnect
Compatible with existing HX2000 digital gate arrays
-
Sea-Of-Gates flow around embedded cells
-
Memory, A/D, D/A and other cores available
Up to 275,000 gates useable
Typical gate toggle power 0.6 W/MHz/gate
Analog on SOI provides 10dB lower substrate noise
than bulk CMOS at 1GHz, 25dB lower at 100 MHz
NMOS Ft = 15 GHz
CrSi resistor, 2500 /square 20%
-
300 ppm/ C temperature coefficient
Linear Capacitors
-
100ppm/Volt, 0.5fF/ m2
Vt~0.8V
DMOS: NMOS AND PMOS > 20 Volts Breakdown
Lateral Bipolar: >20
Inductors (Metal Spiral) Q~2-5, 2-5nH
Body terminal fully oxide-isolated from substrate
Ring Oscillator Speed ~ 150 psec/stage
Total Dose Hardness > 1M Rad(Si)
No Latchup
Future enhancements
3.3V digital supply and I/O
The HMX2000 family of arrays incorporate Mixed Signal
capability as an extension of the available HX2000 Gate
Array family, fabricated on Honeywell’s RICMOSTM IV
Silicon On Insulator (SOI) process. The SOI-IV process at
Honeywell has performance advantages over bulk silicon
CMOS in that 25% to 35% higher speeds can be obtained
or up to 30% lower power. The SOI substrate can support a
6X improvement in static noise margins and significantly
lower subthreshold leakage current.
Each HMX2000 array design is founded on our proven
SOI ASIC library of SSI and MSI logic elements, available
core IP (intellectual property), integratable passives, and
selectable I/O pads. This family is fully compatible with
Honeywell’s range of high reliability screening, test and
packaging options.
Designers can choose from a wide variety of I/O types.
Output buffer options include 8 drive strengths,
CMOS/TTL levels, IEEE 1149.1 boundry scan, pull-
up/pull-down resistors, and tri-state capability. Input
buffers can be selected for CMOS/TTL/Schmitt trigger
levels, IEEE 1149.1 boundry scan and pull-up/pull-down
resistors. Bi-directional buffers are also available.
_________________________________________________________________________________________________________
Solid State Electronics Center 12001 State Highway 55, Plymouth, MN 55441 (800) 323-8295 http://www.ssec.honeywell.com


Similar Part No. - HMX2000

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HMX EATON-HMX Datasheet
483Kb / 1P
Fuse holder
November 2022
HMX-111 EATON-HMX-111 Datasheet
483Kb / 1P
Fuse holder
November 2022
logo
ATGBICS by Approved Tec...
HMX-MM-10G-SFP-C ATGBICS-HMX-MM-10G-SFP-C Datasheet
375Kb / 10P
HMX-MM-10G-SFP Vertiv Avocent Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
HMX-SM-10G-SFP-C ATGBICS-HMX-SM-10G-SFP-C Datasheet
366Kb / 10P
HMX-SM-10G-SFP Vertiv Avocent Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
logo
Hi-Sincerity Mocroelect...
HMX1225 HSMC-HMX1225 Datasheet
22Kb / 2P
0.8A 300/380 VOLTAGE SCRS IGT<200uA
More results

Similar Description - HMX2000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X31X TI-MSP430X31X Datasheet
399Kb / 30P
MIXED SIGNAL MICROCONTROLLERS
logo
NEC
COMS-6 NEC-COMS-6 Datasheet
750Kb / 15P
CMOS GATE ARRAYS
logo
Honeywell Solid State E...
HX2000 HONEYWELL-HX2000 Datasheet
23Kb / 2P
RICMOS??SOI GATE ARRAYS
logo
Texas Instruments
MSP430X13X TI-MSP430X13X Datasheet
987Kb / 59P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3 Datasheet
937Kb / 46P
MIXED SIGNAL MICROCONTROLLER
MSP430X21X1 TI-MSP430X21X1_08 Datasheet
1Mb / 52P
MIXED SIGNAL MICROCONTROLLER
MSP430C11X1 TI-MSP430C11X1_08 Datasheet
947Kb / 40P
MIXED SIGNAL MICROCONTROLLER
MSP430F21X2 TI-MSP430F21X2_08 Datasheet
4Mb / 81P
MIXED SIGNAL MICROCONTROLLER
MSP430BT5190 TI1-MSP430BT5190_15 Datasheet
1Mb / 105P
Mixed-Signal Microcontroller
MSP430F533 TI1-MSP430F533_15 Datasheet
1Mb / 112P
Mixed-Signal Microcontrollers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com