Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AKD4635 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AKD4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4635 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AKD4635 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 2 -
8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz
• PLL Master Mode:
8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz
• EXT Slave Mode / EXT Master Mode:
7.35kHz
~ 48kHz (256fs), 7.35kHz ~ 26kHz (512fs), 7.35kHz ~ 13kHz (1024fs)
9. Output Master Clock Frequency: 256fs
10. Serial
μP Interface: 3-wire, I2C Bus (Ver 1.0, 400kHz High Speed Mode)
11. Master / Slave Mode
12. Audio Interface Format: MSB First, 2’s compliment
• ADC: DSP Mode, 16bit MSB justified, I2S
• DAC: DSP Mode, 16bit MSB justified, 16bit LSB justified, I2S
13. Ta = - 30
∼ 85°C
14. Power Supply
• Analog Supply (AVDD): 2.8 ∼ 3.6V
• Digital Supply (DVDD): 1.6 ∼ 3.6V
• Speaker Supply (SVDD): 2.2 ∼ 4.0V
15. Package: 29pin CSP (2.5mm x 3.0mm, 0.5mm pitch)
■ Block Diagram
D/A
MIC Power
Supply
A/D
HPF
PMMP
PMADC
Audio
I/F
PMDAC
&
PMAO
Line Out
PMSPK
Speaker
PLL
PMPLL
Control
Register
MPI
MIC/MICP
SPP
SPN
SVDD
VSS3
AVDD
VSS1
VCOM
DVDD
CCLK/SCL
CDTIO
BICK
FCK
SDTO
SDTI
MCKO
MCKI
VCOC
PMAO
AOUT
VSS2
MIC-Amp
0dB /+3dB/+6dB/+10dB/+17dB/+20dB
+23dB+26dB / +29dB / +32dB
Mic
5 Band
EQ
VOL
(ALC)
PMPFIL
Class-D
SPK-AMP
CSN/SDA
LPF
HPF
BEEP
Generator
I2C
LIN/MICN
PDN
VOUT
VSAG
PMV
Composite
Video Out
+6dB
GCA
LPF
-1dB ~ +10.5dB
Step 0.5dB
CLAMP
VIN
PMSPK
SMUTE
PMDAC
DATT
Figure 1. AK4635 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com