Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AKD4635 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AKD4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4635 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AKD4635 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 8 -
Parameter
Min
Typ
max
Units
Speaker-Amp Characteristics: SDTI
SPP/SPN pins, ALC2 bit = “0”, SPKG bit = “0”, CL = 3μF, Rseries = 10Ω x 2,
BTL, SVDD = 3.8V
Output Voltage (0dBFS)
(Note 12)
-
2.5
-
Vrms
S/(N+D) (Note 13)
-
20
-
dB
Output Noise Level (Note 13)
-
-68
-
dBV
Load Impedance (Note 14)
50
-
-
Ω
Load Capacitance
-
-
3
μF
V Input Characteristics:
Maximum Input Voltage (Note 17)
-
1.2
-
Vpp
Pull Down Current
-
1.0
-
μA
V Output Characteristics:
Output Gain
VIN = 100kHz (GCA = 0dB) (Note 18)
TBD
6.0
TBD
dB
Maximum Output
at DC output
TBD
2.52
-
Vpp
Voltage
(Note 18)
at Sag Compensation Output
100
μF+4.7μF, AVDD ≥ 3.0 V
-
2.4
-
Vpp
at Sag Compensation Output
47
μF+4.7μF, AVDD ≥ 3.1V
-
2.4
-
Vpp
Clamp Voltage
at DC output (Note 18)
-
50
-
mV
S/N
BW = 100kH
∼ 6MHz
(Note 18)
-
66
-
dB
Secondary Distortion VIN = 3.58MHz, 1.0Vpp (Sin Wave)
(Note 18, Note 19)
-
-45
-
dB
Load Resistance
140
150
-
Ω
Load Capacitance
CL1 (Figure 4)
CL2 (Figure 5)
CL3 (Figure 4, Figure 5) (Note 20)
-
-
-
-
-
-
30
15
400
pF
pF
pF
LPF
Frequency Response
Response at 6.75MHz
TBD
-0.5
-
dB
Input=1.26Vpp, Sin Wave
(0dB at 100kHz)
Response at 27MHz
-
-40
TBD
dB
Group Delay
|GD3MHz
− GD6MHz|
-
10
100
ns
GCA Characteristics:
Step Size
GCA =
−1.0dB ∼ +10.5dB
TBD
0.5
TBD
dB
Power Supplies
Power Up (PDN pin = “H”)
All Circuit Power-up Except Video Amp (Note 21)
AVDD+DVDD
fs = 8kHz
-
9
-
mA
fs = 48kHz
-
12
TBD
mA
SVDD: Speaker-Amp Normal Operation (No Output)
SVDD=3.3V
-
1.5
TBD
mA
Video Amp Power-up : (Note 22) (Note 24)
AVDD+DVDD
-
8
TBD
mA
All Circuit Power-up : (Note 23) (Note 24)
AVDD+DVDD
fs = 48kHz
-
19
TBD
mA
Power Down (PDN pin = “L”) (Note 25)
AVDD+DVDD+SVDD
-
1
TBD
μA
Note 7. The voltage difference between MICP and MICN pins. AC coupling capacitor should be inserted in series at each
input pin. Full-differential mic input is not available at MGAIN3-0 bits = “1000” or “0000”. Maximum input
voltage of MICP and MICN pins are proportional to AVDD voltage, respectively.
Vin = |(MICP)
− (MICN)| = 0.069 x AVDD(max)@MGAIN3-0 bits = “0001”,
0.035 x AVDD(max)@MGAIN3-0 bits = “0010”, 0.017 x AVDD(max)@MGAIN3-0 bits = “0011”,
0.218x AVDD(max)@MGAIN3-0 bits = “0100”, 0.097x AVDD(max)@MGAIN3-0 bits = “0101”,
0.048x AVDD(max)@MGAIN3-0 bits = “0110”, 0.024x AVDD(max)@MGAIN3-0 bits = “0111”,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com