Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AKD4635 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4635 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD4635 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 3 -
■ Ordering Guide
AK4635ECB
−30 ∼ +85°C
29pin CSP (0.5mm pitch)
AKD4635
Evaluation board for AK4635
■ Pin Layout
A
BC
E
D
6
5
3
4
1
2
Top View
6
I2C
DVDD
VSS2
VSS3
NC
5
SDTO
MCKO
SPN
SVDD
SPP
4
BICK
SDTI
MCKI
AOUT
LIN/
MICN
3
FCK
CCLK/SCL
CDTIO
MPI
MIC/
MICP
2
PDN
CSN/SDA
VOUT
VCOM
VCOC
1
VSAG
VSS1
AVDD
VIN
A
B
C
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com