Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AKD4635 Datasheet(PDF) 36 Page - Asahi Kasei Microsystems

Part # AKD4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4635 Datasheet(HTML) 36 Page - Asahi Kasei Microsystems

Back Button AKD4635 Datasheet HTML 32Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 33Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 34Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 35Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 36Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 37Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 38Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 39Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 40Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 36 -
FCK
BICK(16fs)
SDTO(o)
15
0
1
8
8
9
11
12
14
15
0
1
8
8
9
11
12
14
15
0
0
15
5
8
8
7
1
43
10
13
2
6
0
15
5
88
7
1
4
3
2
6
13
10
0
2
14
14
2
0
15
5
8
7
1
43
2
6
0
15
5
87
1
4
3
2
6
0
14
14
SDTI(i)
BICK(32fs)
SDTO(o)
15
0
1
8
14
15
17
18
30
31
0
1
8
8
9
11
12
30
31
0
15
8
2
1
16
29
0
15
82
1
0
13
10
15:MSB, 0:LSB
1/fs
2
14
14
2
15
2
1
0
15
821
0
14
14
SDTI(i)
1/fs
Don’t Care
Don’t Care
Figure 34. Mode 0 Timing (BCKP = “0”, MSBS = “1”)
FCK
BICK(16fs)
SDTO(o)
15
0
1
8
8
9
11
12
14
15
0
1
8
8
9
11
12
14
15
0
0
15
5
8
8
7
1
43
10
13
2
6
0
15
5
88
7
1
4
3
2
6
13
10
0
2
14
14
2
0
15
5
8
7
1
43
2
6
0
15
5
87
1
4
3
2
6
0
14
14
SDTI(i)
BICK(32fs)
SDTO(o)
15
0
1
8
14
15
17
18
30
31
0
1
8
8
9
11
12
30
31
0
15
8
2
1
16
29
0
15
82
1
0
13
10
15:MSB, 0:LSB
1/fs
2
14
14
2
15
2
1
0
15
821
0
14
14
SDTI(i)
1/fs
Don’t Care
Don’t Care
Figure 35. Mode 0 Timing (BCKP = “1”, MSBS = “1”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com