Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8317IDRBT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8317IDRBT
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8317IDRBT Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS8317IDRBT Datasheet HTML 8Page - Texas Instruments ADS8317IDRBT Datasheet HTML 9Page - Texas Instruments ADS8317IDRBT Datasheet HTML 10Page - Texas Instruments ADS8317IDRBT Datasheet HTML 11Page - Texas Instruments ADS8317IDRBT Datasheet HTML 12Page - Texas Instruments ADS8317IDRBT Datasheet HTML 13Page - Texas Instruments ADS8317IDRBT Datasheet HTML 14Page - Texas Instruments ADS8317IDRBT Datasheet HTML 15Page - Texas Instruments ADS8317IDRBT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.ti.com
120
115
110
105
100
95
90
85
80
75
70
65
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
1
10
100
200
Frequency(kHz)
THD
(1)
SFDR
NOTE:(1)Firstnineharmonicsoftheinputfrequency.
15.0
14.5
14.0
13.5
13.0
12.5
12.0
1
10
100
200
Frequency(kHz)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
-50
-25
0
25
50
75
100
Temperature( C)
°
f
IN =1.98364kHz, -0.2dB
100
90
80
70
60
50
40
30
20
10
f
=1.98364kHz
IN
-80
-70
-60
-50
-40
-30
-20
-10
0
InputLevel(dB)
FFFF
0000
0002
FFFE
34
42
1673
4835
1608
0001
Code(Hex)
100
10
1
0.1
2.5
1
2
ReferenceVoltage(V)
V
=5V
DD
ADS8317
SBAS356A – JUNE 2007 – REVISED SEPTEMBER 2007
TYPICAL CHARACTERISTICS: VDD = +5V (continued)
At TA = 25°C, VREF = 2.5V, fSAMPLE = 250kHz, fCLK = 24 × fSAMPLE, unless otherwise noted.
SPURIOUS-FREE DYNAMIC RANGE
AND TOTAL HARMONIC DISTORTION
EFFECTIVE NUMBER OF BITS
vs INPUT FREQUENCY
vs INPUT FREQUENCY
Figure 14.
Figure 15.
CHANGE IN SIGNAL-TO-NOISE + DISTORTION
CHANGE IN SIGNAL-TO-NOISE + DISTORTION
vs TEMPERATURE
vs INPUT LEVEL
Figure 16.
Figure 17.
PEAK-TO-PEAK NOISE FOR A DC INPUT
OUTPUT CODE HISTOGRAM FOR A DC INPUT
vs REFERENCE VOLTAGE
(8192 Conversions)
Figure 18.
Figure 19.
12
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com