Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8317IDRBT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8317IDRBT
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8317IDRBT Datasheet(HTML) 3 Page - Texas Instruments

  ADS8317IDRBT Datasheet HTML 1Page - Texas Instruments ADS8317IDRBT Datasheet HTML 2Page - Texas Instruments ADS8317IDRBT Datasheet HTML 3Page - Texas Instruments ADS8317IDRBT Datasheet HTML 4Page - Texas Instruments ADS8317IDRBT Datasheet HTML 5Page - Texas Instruments ADS8317IDRBT Datasheet HTML 6Page - Texas Instruments ADS8317IDRBT Datasheet HTML 7Page - Texas Instruments ADS8317IDRBT Datasheet HTML 8Page - Texas Instruments ADS8317IDRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS: VDD = +5V
ADS8317
SBAS356A – JUNE 2007 – REVISED SEPTEMBER 2007
MIN
TYP
MAX
UNIT
Low-voltage levels
2.7
3.6
V
Supply voltage, GND to VDD
5V logic levels
4.5
5.0
5.5
V
Reference input voltage
1
VDD/2
V
–IN to GND
–0.2
VDD + 0.2
V
Analog input voltage
+IN to GND
–0.2
VDD + 0.2
V
+IN – (–IN)
–VREF
+VREF
V
Operating junction temperature, TJ
–40
+125
°C
At –40
°C to +85°C, V
REF = +2.5V, –IN = +2.5V, fSAMPLE = 250kHz, and fCLK = 24 × fSAMPLE, unless otherwise noted.
ADS8317I
ADS8317IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale range
FSR +IN – (–IN)
–VREF
VREF
–VREF
VREF
V
Absolute input range
+IN
–0.1
VDD + 0.1
–0.1
VDD + 0.1
V
Hold
5
5
G
Ω
Input resistance
RON
Sampling
50
100
50
100
Ω
Input capacitance
During sampling
24
24
pF
Input leakage current
±50
±50
nA
Differential input capacitance
+IN to –IN, during sampling
20
20
pF
Full-power bandwidth
FSBW fS sinewave, SINAD = 60dB
500
500
kHz
DC ACCURACY
Resolution
16
16
Bits
No missing codes
NMC
16
16
16
16
Bits
Integral linearity error
INL
–2
±1.5
+2
–1.5
±0.8
+1.5
LSB
Differential linearity error
DNL
–1
±1
+2
–1
+0.7,–0.5
+1.25
LSB
Offset error
VOS
–2
±0.75
+2
–1
±0.5
+1
mV
Offset error drift
TCVOS
±3
±3
μV/
°C
Positive
–32
±16
+32
–32
±16
+32
LSB
Gain error
GERR
Negative
–32
±16
+32
–32
±16
+32
LSB
Gain error drift
TCGERR
±0.1
±0.1
ppm/
°C
Bipolar zero error
–2
±0.75
+2
–1
±0.5
+1
mV
Bipolar zero error drift
±3
±3
μV/
°C
Noise
50
50
μVRMS
Power-supply rejection
PSRR 4.75V
≤ VDD ≤ 5.25V
1
1
LSB
SAMPLING DYNAMICS
Conversion time
tCONV 24kHz ≤ fCLK ≤ 6.0MHz
2.667
666.7
2.667
666.7
μs
(16 DCLOCKs)
Acquisition time
tAQ fCLK = 6.0MHz
0.75
0.75
μs
(4.5 DCLOCKs)
Throughput rate
250
250
kSPS
(22 DCLOCKs)
Clock frequency
0.024
6.0
0.024
6.0
MHz
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com