Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8317IDRBT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8317IDRBT
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8317IDRBT Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS8317IDRBT Datasheet HTML 18Page - Texas Instruments ADS8317IDRBT Datasheet HTML 19Page - Texas Instruments ADS8317IDRBT Datasheet HTML 20Page - Texas Instruments ADS8317IDRBT Datasheet HTML 21Page - Texas Instruments ADS8317IDRBT Datasheet HTML 22Page - Texas Instruments ADS8317IDRBT Datasheet HTML 23Page - Texas Instruments ADS8317IDRBT Datasheet HTML 24Page - Texas Instruments ADS8317IDRBT Datasheet HTML 25Page - Texas Instruments ADS8317IDRBT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
www.ti.com
POWER DISSIPATION
Short Cycling
ADS8317
SBAS356A – JUNE 2007 – REVISED SEPTEMBER 2007
There
is
an
important
distinction
between
the
power-down mode that is entered after a conversion
The architecture of the converter, the semiconductor
is complete and the full power-down mode that is
fabrication process, and a careful design allow the
enabled when CS is high. CS low only shuts down
ADS8317 to convert at up to a 250kHz rate while
the analog section. The digital section completely
requiring very little power. However, for the absolute
shuts down only when CS is high. Thus, if CS is left
lowest power dissipation, there are several things to
low at the end of a conversion, and the converter is
keep in mind.
continually clocked, the power consumption is not as
low as when CS is high.
The power dissipation of the ADS8317 scales directly
with conversion rate. Therefore, the first step to
achieving the lowest power dissipation is to find the
lowest conversion rate that satisfies the system
Another way to save power is to use the CS signal to
requirements.
short-cycle the conversion. The ADS8317 places the
latest data bit on the DOUT line as it is generated;
In addition, the ADS8317 goes into Power-Down
therefore, the converter can easily be short-cycled.
mode under two conditions: when the conversion is
This term means
that
the
conversion
can
be
complete and whenever CS is high (see the Timing
terminated at any time. For example, if only 14 bits of
Characteristics section). Ideally, each conversion
the conversion result are needed, then the conversion
should occur as quickly as possible, preferably at a
can be terminated (by pulling CS high) after the 14th
6.0MHz clock rate. This way, the converter spends
bit has been clocked out.
the longest possible time in power-down mode. This
is very important because the converter not only uses
This technique can also be used to lower the power
power on each DCLOCK transition (as is typical for
dissipation (or to increase the conversion rate) in
digital CMOS components), but also uses some
those applications where an analog signal is being
current
for
the
analog
circuitry,
such
as
the
monitored until some condition becomes true. For
comparator. The analog section dissipates power
example, if the signal is outside a predetermined
continuously until power-down mode is entered.
range, the full 16-bit conversion result may not be
needed. If so, the conversion can be terminated after
Figure
9
and
Figure
27
illustrate
the
current
the first n bits, where n might be as low as 3 or 4.
consumption of the ADS8317 versus sample rate. For
This technique results in lower power dissipation in
these graphs, the converter is clocked at maximum
both the converter and the rest of the system
speed regardless of the sample rate. CS is held high
because they spend more time in power-down mode.
during the remaining sample period.
22
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com