Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8317IDRBT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8317IDRBT
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8317IDRBT Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS8317IDRBT Datasheet HTML 17Page - Texas Instruments ADS8317IDRBT Datasheet HTML 18Page - Texas Instruments ADS8317IDRBT Datasheet HTML 19Page - Texas Instruments ADS8317IDRBT Datasheet HTML 20Page - Texas Instruments ADS8317IDRBT Datasheet HTML 21Page - Texas Instruments ADS8317IDRBT Datasheet HTML 22Page - Texas Instruments ADS8317IDRBT Datasheet HTML 23Page - Texas Instruments ADS8317IDRBT Datasheet HTML 24Page - Texas Instruments ADS8317IDRBT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.ti.com
0111111111111111
0111111111111110
0111111111111101
1000000000000010
1000000000000001
1000000000000000
0000000000000001
0000000000000000
1111111111111111
Binary TwosComplement
V
= 2.5V
-
FS
-
-
2.49996V
-
2.49992V
-
2.49985V
-
38.15 V
m
+38.15 V
m
0V
BipolarAnalogInputV
V( IN)
-
-
oltage=V(+IN)
1LSB=76.29 V
m
V
=2.5V
CM
V
=2.5V
REF
V
=V
=2.5V
+FS
REF
V
1LSB=2.499992V
+FS -
2.499985V
0
1
2
32767
32768
32769
65533
65534
65535
16-BIT
-
Full-ScaleCode
MidscaleCode
+Full-ScaleCode
TwosComplementOutput
V
=
-
FS
8000h
V
=0000h
MS
V
=7FFFh
+FS
BipolarAnalogInput
V
= V
-
CODE
REF
V
=0V
CODE
V
=V
-
CODE
REF
1LSB
ADS8317
SBAS356A – JUNE 2007 – REVISED SEPTEMBER 2007
Figure 44. Ideal Conversion Characteristics (Conditions: VCM = 2.5V, VREF = 2.5V)
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com