Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7421N Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7421N
Description  AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421N Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7421N Datasheet HTML 16Page - STMicroelectronics TDA7421N Datasheet HTML 17Page - STMicroelectronics TDA7421N Datasheet HTML 18Page - STMicroelectronics TDA7421N Datasheet HTML 19Page - STMicroelectronics TDA7421N Datasheet HTML 20Page - STMicroelectronics TDA7421N Datasheet HTML 21Page - STMicroelectronics TDA7421N Datasheet HTML 22Page - STMicroelectronics TDA7421N Datasheet HTML 23Page - STMicroelectronics TDA7421N Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
TDA7421N
20/38
ttim = (IFRC + 1) / fosc
tcnt = (CF + 1697) / fIF FM mode
tcnt = (CF + 44) / fIF AM mode
Counter result succeeded:
ttim > tcnt - terr and
ttim > tcnt + terr
Counter result failed:
ttim< tcnt + terr or
ttim > tcnt - terr
where:
ttim = IF time cycle time
tcnt = IF counter cycle time
terr = discrimination window (controlled by the EW registers)
The precision of the measurements is adjustable by controlling the discrimination window. This is adjustable by
programming the control registers EW0...EW2.
The measurement time per cycle is adjustable by setting the register IFS0 - IFS2.
The center frequency of the discrimination window is adjustable by the control register "CF0" to "CF4". The avail-
able values are reported in databyte specification
5.0 I
2C BUS INTERFACE
5.1 General Description
The TDA7421N supports the I2C bus protocol. This protocol defines the devices sending data into the bus as
transmitter and the receiving device as the receiver.
The device that controls the transfer is a master and the device being controlled is the slave. The master will
always initiates data transfer and provide the clock to transmit or receive operations.
5.2 Data Transition
Data transition on the SDA line must only occur when the clock SCL is low. SDA transitions while SCL is high
will be interpreted as START or STOP condition.
5.3 Start Condition
A start condition is defined by a HIGH to LOW transition of the SDA line while SCL is at a stable HIGH level.
This START condition must precede any command and initiate a data transfer onto the bus.The TDA7421N con-
tinuously monitors the SDA and SCL lines for a valid START and will not response to any command if this con-
dition has not been met.
5.4 Stop condition
A STOP condition is defined by a LOW to HIGH transition of the SDA while the SCL line is at a stable HIGH
level. This condition terminate the communication between the devices and force's the bus interface of the
TDA7421N into the initial condition.
ttim
tcnt -tERR
succeeded
tcnt +tERR
failed
failed
D96AU551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com