Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7421N Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA7421N
Description  AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421N Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA7421N Datasheet HTML 25Page - STMicroelectronics TDA7421N Datasheet HTML 26Page - STMicroelectronics TDA7421N Datasheet HTML 27Page - STMicroelectronics TDA7421N Datasheet HTML 28Page - STMicroelectronics TDA7421N Datasheet HTML 29Page - STMicroelectronics TDA7421N Datasheet HTML 30Page - STMicroelectronics TDA7421N Datasheet HTML 31Page - STMicroelectronics TDA7421N Datasheet HTML 32Page - STMicroelectronics TDA7421N Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
29/38
TDA7421N
6.10 IF COUNTER CONTROL 2
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
fcenter = 10.60000MHz (FM) 448KHz (AM)
0
0
0
0
1
fcenter = 10.60625MHz (FM) 449KHz (AM)
0
0
0
1
0
fcenter = 10.61250MHz (FM) 450KHz (AM)
0
0
0
1
1
fcenter = 10.61875MHz (FM) 451KHz (AM)
0
0
1
0
0
fcenter = 10.62500MHz (FM) 452KHz (AM)
0
0
1
0
1
fcenter = 10.63125MHz (FM) 453KHz (AM)
0
0
1
1
0
fcenter = 10.63750MHz (FM) 454KHz (AM)
0
0
1
1
1
fcenter = 10.64375MHz (FM) 455KHz (AM)
0
1
0
0
0
fcenter = 10.65000MHz (FM) 456KHz (AM)
0
1
0
0
1
fcenter = 10.65625MHz (FM) 457KHz (AM)
0
1
0
1
0
fcenter = 10.66250MHz (FM) 458KHz (AM)
0
1
0
1
1
fcenter = 10.66875MHz (FM) 459KHz (AM)
0
1
1
0
0
fcenter = 10.67500MHz (FM) 460KHz (AM)
0
1
1
0
1
fcenter = 10.68125MHz (FM) 461KHz (AM)
0
1
1
1
0
fcenter = 10.68750MHz (FM) 462KHz (AM)
0
1
1
1
1
fcenter = 10.69375MHz (FM) 463KHz (AM)
1
0
0
0
0
fcenter = 10.70000MHz (FM) 464KHz (AM)
1
0
0
0
1
fcenter = 10.70625MHz (FM) 465KHz (AM)
1
0
0
1
0
fcenter = 10.71250MHz (FM) 466KHz (AM)
1
0
0
1
1
fcenter = 10.71875MHz (FM) 467KHz (AM)
1
0
1
0
0
fcenter = 10.72500MHz (FM) 468KHz (AM)
1
0
1
0
1
fcenter = 10.73125MHz (FM) 469KHz (AM)
1
0
1
1
0
fcenter = 10.73750MHz (FM) 470KHz (AM)
1
0
1
1
1
fcenter = 10.74375MHz (FM) 471KHz (AM)
1
1
0
0
0
fcenter = 10.75000MHz (FM) 472KHz (AM)
1
1
0
0
1
fcenter = 10.75625MHz (FM) 473KHz (AM)
1
1
0
1
0
fcenter = 10.76250MHz (FM) 474KHz (AM)
1
1
0
1
1
fcenter = 10.76875MHz (FM) 475KHz (AM)
1
1
1
0
0
fcenter = 10.77500MHz (FM) 476KHz (AM)
1
1
1
0
1
fcenter = 10.78125MHz (FM) 477KHz (AM)
1
1
1
1
0
fcenter = 10.78750MHz (FM) 478KHz (AM)
1
1
1
1
1
fcenter = 10.79375MHz (FM) 479KHz (AM)
0
0
0
tsample = 20.48ms (FM mode); 128ms (AM; MODE)
0
0
1
tsample = 10.24ms (FM mode); 64ms (AM; MODE)
0
1
0
tsample = 5.12ms (FM mode); 32ms (AM; MODE)
0
1
1
tsample = 2.56ms (FM mode); 16ms (AM; MODE)
1
0
0
tsample = 1.28ms (FM mode); 8ms (AM;MODE)
1
0
1
tsample = 640ms (FM mode); 4ms (AM;MODE)
1
1
0
tsample = 320ms (FM mode); 2ms (AM; MODE)
1
1
1
tsample = 160ms (FM mode); 1ms (AM; MODE)
IFS2
IFS1
IFS0
CF4
CF3
CF2
CF1
CF0
bit name
Subaddress = 09H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com