Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7421N Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7421N
Description  AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421N Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7421N Datasheet HTML 21Page - STMicroelectronics TDA7421N Datasheet HTML 22Page - STMicroelectronics TDA7421N Datasheet HTML 23Page - STMicroelectronics TDA7421N Datasheet HTML 24Page - STMicroelectronics TDA7421N Datasheet HTML 25Page - STMicroelectronics TDA7421N Datasheet HTML 26Page - STMicroelectronics TDA7421N Datasheet HTML 27Page - STMicroelectronics TDA7421N Datasheet HTML 28Page - STMicroelectronics TDA7421N Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
25/38
TDA7421N
6.0 PLL DATA BYTE SPECIFICATION
6.1 CHARGE PUMP CONTROL
6.2 PLL COUNTER 1 (LSB)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
High current = 0mA
0
0
0
1
High current = 0.5mA
0
0
1
0
High current = 1.0mA
0
0
1
1
High current = 1.5mA
0
1
0
0
High current = 2.0mA
0
1
0
1
High current = 2.5mA
0
1
1
0
High current = 3.0mA
0
1
1
1
High current = 3.5mA
1
0
0
1
High current = 4.5mA
1
0
1
0
High current = 5.0mA
1
0
1
1
High current = 5.5mA
1
1
0
0
High current = 6.0mA
1
1
0
1
High current = 6.5mA
1
1
1
0
High current = 7.0mA
1
1
1
1
High current = 7.5mA
0
0
Low current = 0
µA
0
1
Low current = 15
µA
1
0
Low current = 100
µA
1
1
Low current = 115
µA
0
Select low Current
1
Select high Current
0
Select loop filter 1
1
Select loop filter 2
LPIN1/2 CURRH
B1
B0
A3
A2
A1
A0
Subaddress = 00H
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
000
00
LSB = 0
0
0
0
000
01
LSB = 1
0
0
0
000
10
LSB = 2
all combinations allowed
1
1
1
1
1
1
0
0
LSB = 252
1
1
1
1
1
1
0
1
LSB = 253
1
1
1
1
1
1
1
0
LSB = 254
1
1
1
1
1
1
1
1
LSB = 255
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
Bit name
Subaddress = 01H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com