Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7421N Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7421N
Description  AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421N Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7421N Datasheet HTML 17Page - STMicroelectronics TDA7421N Datasheet HTML 18Page - STMicroelectronics TDA7421N Datasheet HTML 19Page - STMicroelectronics TDA7421N Datasheet HTML 20Page - STMicroelectronics TDA7421N Datasheet HTML 21Page - STMicroelectronics TDA7421N Datasheet HTML 22Page - STMicroelectronics TDA7421N Datasheet HTML 23Page - STMicroelectronics TDA7421N Datasheet HTML 24Page - STMicroelectronics TDA7421N Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21/38
TDA7421N
Figure 5. Phase Comparator
5.5 Acknowledge
Indicates a successful data transfer. The transmitter will release the bus after sending 8 bit of data. During the 9th
clock cycle the receiver will pull the SDA line to LOW level to indicate it has received the eight bits of data correctly.
5.6 Data transfer
During data transfer the TDA7421N samples the SDA line on the leading edge of the SCL clock, Therefore, for
proper device operation the SDA line must be stable during the SCL LOW to HIGH transition.
5.7 Device Addressing
To start the communication between two devices, the bus master must initiate a start instruction sequence, fol-
lowed by an eight bit word corresponding to the address of the device it is addressing. The most significant 6
bits of the slave address identify the device type.
The TDA7421N device code is fixed as "110001".
The next significant bit is used either to address the tuner section (1) or the PLL section (0) of the chip.
Following a START condition the master sends slave address word; the TDA7421N will "acknowledge" after this
first transmission and wait for a second word (the word address field).This 8 bit address field provides an access
to any of the 8 internal addresses. Upon receipt of the word address the TDA7421N slave device will respond
with an "acknowledge".
At this time, all the following words transmits to the TDA7421N will be considered as data.The internal address
will be automatically incremented. After each word receipt the TDA7421N will answer with an "acknowledge".
The interface protocol comprises:
– a subaddress byte
– a sequence of data (N-bytes + acknowledge)
– a stop condition (P)
– a start condition (S)
– a chip address byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com