Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C76-MB6G/S Datasheet(PDF) 6 Page - STMicroelectronics

Part # M93C76-MB6G/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C76-MB6G/S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M93C76-MB6G/S Datasheet HTML 2Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 3Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 4Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 5Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 6Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 7Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 8Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 9Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Description
M93C86, M93C76, M93C66, M93C56, M93C46
6/38
1
Description
The M93C86, M93C76, M93C66, M93C56 and M93C56 are electrically erasable
programmable memory (EEPROM) devices. They are accessed through a Serial Data input
(D) and Serial Data output (Q) using the MICROWIRE bus protocol.
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. ECOPACK® packages are lead-free and RoHS compliant. ECOPACK is an ST
trademark. ECOPACK specifications are available at: www.st.com.
Figure 1.
Logic diagram
The memory array organization may be divided into either bytes (x8) or words (x16) which
may be selected by a signal applied on Organization Select (ORG). The bit, byte and word
sizes of the memories are as shown in Table 3.
Table 2.
Signal names
Signal name
Function
Direction
S
Chip Select
Input
D
Serial Data input
Input
Q
Serial Data output
Output
C
Serial Clock
Input
ORG
Organisation Select
Input
VCC
Supply voltage
VSS
Ground
AI01928
D
VCC
M93Cx6
VSS
C
Q
S
ORG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com