Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C76-MB6G/S Datasheet(PDF) 26 Page - STMicroelectronics

Part # M93C76-MB6G/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C76-MB6G/S Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M93C76-MB6G/S Datasheet HTML 22Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 23Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 24Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 25Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 26Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 27Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 28Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 29Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
DC and AC parameters
M93C86, M93C76, M93C66, M93C56, M93C46
26/38
tSLQZ
tDF
Chip Select low to output Hi-Z
100
ns
tCHQL
tPD0
Delay to output low
200
ns
tCHQV
tPD1
Delay to output valid
200
ns
tW
tWP
Erase or Write cycle time
5
ms
1.
Chip Select Input (S) must be brought low for a minimum of tSLSH between consecutive instruction cycles.
2.
tCHCL + tCLCH ≥ 1 / fC.
Table 22.
AC characteristics (M93Cx6-W, device grade 3)
Test conditions specified in Table 13. and Table 10.
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSK
Clock frequency
D.C.
2
MHz
tSLCH
Chip Select low to Clock high
50
ns
tSHCH
tCSS
Chip Select set-up time
50
ns
tSLSH
(1)
1.
Chip Select Input (S) must be brought low for a minimum of tSLSH between consecutive instruction cycles.
tCS
Chip Select low to Chip Select high
200
ns
tCHCL
(2)
2.
tCHCL + tCLCH ≥ 1 / fC.
tSKH
Clock high time
200
ns
tCLCH
(2)
tSKL
Clock low time
200
ns
tDVCH
tDIS
Data in set-up time
50
ns
tCHDX
tDIH
Data in hold time
50
ns
tCLSH
tSKS
Clock set-up time (relative to S)
50
ns
tCLSL
tCSH
Chip Select hold time
0
ns
tSHQV
tSV
Chip Select to READY/BUSY status
200
ns
tSLQZ
tDF
Chip Select low to output Hi-Z
100
ns
tCHQL
tPD0
Delay to output low
200
ns
tCHQV
tPD1
Delay to output valid
200
ns
tW
tWP
Erase or Write cycle time
5
ms
Table 21.
AC characteristics (M93Cx6-W, device grade 6)
Test conditions specified in Table 13. and Table 10.
Symbol
Alt.
Parameter
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com