Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C76-MB6G/S Datasheet(PDF) 10 Page - STMicroelectronics

Part # M93C76-MB6G/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C76-MB6G/S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M93C76-MB6G/S Datasheet HTML 6Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 7Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 8Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 9Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 10Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 11Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 12Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 13Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Operating features
M93C86, M93C76, M93C66, M93C56, M93C46
10/38
3
Operating features
3.1
Supply voltage (VCC)
3.1.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied. In order to secure a stable
DC supply voltage, it is recommended to decouple the VCC line with a suitable capacitor
(usually of the order of 10 nF to 100 nF) close to the VCC/VSS package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction
and, for a Write instruction, until the completion of the internal write cycle (tW).
3.1.2
Power-up conditions
When the power supply is turned on, VCC rises from VSS to VCC. During this time, the Chip
Select (S) line is not allowed to float and should be driven to VSS, it is therefore
recommended to connect the S line to VCC via a suitable pull-down resistor.
The VCC rise time must not vary faster than 1 V/µs.
3.1.3
Power-up and device reset
In order to prevent inadvertent Write operations during power-up, a power on reset (POR)
circuit is included. At power-up (continuous rise of VCC), the device does not respond to any
instruction until VCC has reached the power on reset threshold voltage (this threshold is
lower than the minimum VCC operating voltage defined in Table 9, Table 10 and Table 11).
When VCC passes the POR threshold, the device is reset and is in the following state:
●
Standby Power mode
●
deselected (assuming that there is a pull-down resistor on the S line)
3.1.4
Power-down
At power-down (continuous decrease in VCC), as soon as VCC drops from the normal
operating voltage to below the power on reset threshold voltage, the device stops
responding to any instruction sent to it.
During power-down, the device must be deselected and in the Standby Power mode (that is,
there should be no internal Write cycle in progress).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com