Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C76-MB6G/S Datasheet(PDF) 33 Page - STMicroelectronics

Part # M93C76-MB6G/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C76-MB6G/S Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M93C76-MB6G/S Datasheet HTML 29Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 30Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 31Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 32Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 33Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 34Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 35Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 36Page - STMicroelectronics M93C76-MB6G/S Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
Part numbering
33/38
13
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
The category of second-level interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 28.
Ordering information scheme
Example:
M93C86
–
W MN 6
T
P /S
Device type
M93 = MICROWIRE serial access EEPROM
Device function
86 = 16 Kbit (2048 x 8)
76 = 8 Kbit (1024 x 8)
66 = 4 Kbit (512 x 8)
56 = 2 Kbit (256 x 8)
46 = 1 Kbit (128 x 8)
Operating voltage
blank = VCC = 4.5 to 5.5 V
W = VCC = 2.5 to 5.5 V
R = VCC = 1.8 to 5.5 V
Package
BN = PDIP8
MN = SO8 (150 mils width)
MB = UFDFPN8 (MLP8)
DW = TSSOP8 (169 mils width)
DS = TSSOP8 (3 x 3 mm body size)
Device grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
3 = Device tested with High Reliability Certified Flow(1).
Automotive temperature range (–40 to 125 °C)
1.
ST strongly recommends the use of the Automotive Grade devices for use in an automotive
environment. The High Reliability Certified Flow (HRCF) is described in the quality note QNEE9801.
Please ask your nearest ST sales office for a copy.
Packing
blank = standard packing
T = tape and reel packing
Plating technology
P or G = ECOPACK® (RoHS compliant)
Process(2)
2.
Used only for Device Grade 3.
/W or /S = F6SP36%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com