Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z80002S-30 Datasheet(PDF) 1 Page - AG Electronica

Part # Z80002S-30
Description  BATERIA LIPO 8000 MAH 2S 30C.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

Z80002S-30 Datasheet(HTML) 1 Page - AG Electronica

  Z80002S-30 Datasheet HTML 1Page - AG Electronica Z80002S-30 Datasheet HTML 2Page - AG Electronica Z80002S-30 Datasheet HTML 3Page - AG Electronica Z80002S-30 Datasheet HTML 4Page - AG Electronica Z80002S-30 Datasheet HTML 5Page - AG Electronica Z80002S-30 Datasheet HTML 6Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Z80002S-30:BATERIA LIPO 8000 MAH 2S 30C.
Descripción:
Esta batería es superior a las baterías de NiMH estándar, ofrecen tasas de carga
más rápidas y tensiones más altas, útil para aplicaciones de robótica y radio
control.
Especificaciones Técnicas:
Conector de Balance: JST-XH
Conector de Descarga: 5.5mm Bullet
Capacidad (mAh)
8000
Configuración (s)
2
Descarga (c)
30
Peso (g)
415
Máx indice de carga (c) 5
Longitud - A (mm)
166
Altura – B (mm)
69
Anchura – C (mm)
15
http://www.agelectronica.com
http://www.agelectronica.com


Similar Part No. - Z80002S-30

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8000 ZILOG-Z8000 Datasheet
2Mb / 40P
CPU Central Processing Unit
More results

Similar Description - Z80002S-30

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
AA-1355-6.3HT JMK-AA-1355-6.3HT Datasheet
40Kb / 1P
2,142,107 Hrs @ 30C GB
AA-1355-13HT JMK-AA-1355-13HT Datasheet
42Kb / 1P
2,142,107 Hrs @ 30C GB
AA-2063-7.5 JMK-AA-2063-7.5 Datasheet
66Kb / 1P
22,214,817 hrs. @ 30C GB
EA-1355-3HT JMK-EA-1355-3HT Datasheet
37Kb / 1P
2,142,107 Hrs @ 30C GB
EE-2051-5 JMK-EE-2051-5 Datasheet
30Kb / 1P
3,912,363 Hrs @ 30C GB
FF-1405-6B JMK-FF-1405-6B Datasheet
82Kb / 1P
1,151,320hours at 30C GB
logo
Seiko Instruments Inc
SR920W SII-SR920W Datasheet
598Kb / 2P
42 mAh Mercury Free
logo
SparkFun Electronics
PRT-10217 SPARKFUN-PRT-10217 Datasheet
99Kb / 1P
SparkFun LiPo Charger Basic - Micro-USB
10/9/2015
PRT-14380 SPARKFUN-PRT-14380 Datasheet
115Kb / 2P
SparkFun Adjustable LiPo Charger
PRT-15217 SPARKFUN-PRT-15217 Datasheet
152Kb / 2P
SparkFun LiPo Charger Plus
6??2??9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com