Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 246 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 246 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 242Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 243Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 244Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 245Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 246Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 247Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 248Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 249Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 250Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 1386 page
background image
External Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
6-4
Freescale Semiconductor
DBB
IRQ3
60x data bus busy—(Input/output) As an output the MPC8280 asserts this pin for the duration of
the data bus tenure. Following a TA, which terminates the data bus tenure, the MPC8280 negates
DBB for a fraction of a bus cycle and than stops driving this pin. As an input, the MPC8280 does
not assume 60x data bus ownership as long as it senses DBB asserted by an external 60x bus
master.
Interrupt request 3—This input is one of the eight external lines that can request (by means of the
internal interrupt controller) a service routine from the core.
D[0–63]
60x data bus—These are input/output pins. In write transactions the 60x bus master drives the
valid data on this bus. In read transactions the 60x slave drives the valid data on this bus.
DP[0]
RSRV
EXT_BR2
60x data parity 0—(Input/output) The 60x agent that drives the data bus drives also the data parity
signals. The value driven on data parity 0 pin should give odd parity (odd number of 1’s) on the
group of signals that includes data parity 0 and D[0–7].
Reservation—The value driven on this output pin represents the state of the coherency bit in the
reservation address register that is used by the lwarx and stwcx. instructions.
External bus request 2—(Input). An external master should assert this pin to request 60x bus
ownership from the internal arbiter.
IRQ1
DP[1]
EXT_BG2
Interrupt request 1—This input is one of the eight external lines that can request (by means of the
internal interrupt controller) a service routine from the core.
60x data parity 1—(Input/output) The 60x agent that drives the data bus drives also the data parity
signals. The value driven on data parity 1 pin should give odd parity (odd number of ‘1’s) on the
group of signals that includes data parity 1 and D[8–15].
External bus grant 2—(Output) The MPC8280 asserts this pin to grant 60x bus ownership to an
external bus master.
IRQ2
DP[2]
TLBISYNC
EXT_DBG2
Interrupt request 2—This input is one of the eight external lines that can request (by means of the
internal interrupt controller) a service routine from the core.
60x data parity 2—(Input/output) The 60x agent that drives the data bus drives also the data parity
signals. The value driven on data parity 2 pin should give odd parity (odd number of ‘1’s) on the
group of signals that includes data parity 2 and S[16–23].
TLB sync—This input pin can be used to synchronize 60x core instruction execution to hardware
indications. Asserting this pin will force the core to stop instruction execution following a tlbsync
instruction execution. The core resumes instructions execution once this pin is negated.
External data bus grant 2—(Output) The MPC8280 asserts this pin to grant 60x data bus
ownership to an external bus master.
Table 6-1. External Signals (continued)
Signal
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com