Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
lxxxi
About This Book
The MPC8280 is a versatile communications processor that integrates on one chip a high-performance
PowerPC™ RISC microprocessor, a very flexible system integration unit, and many communications
peripheral controllers that can be used in a variety of applications, particularly in communications and
networking systems.
The primary objective of this manual is to help communications system designers build systems using any
member of the MPC8280 PowerQUICC II™ family of communications processors and to help software
designers provide operating systems and user-level applications to take complete advantage of the
MPC8280.
NOTE: Devices Supported by This Manual
This manual supports the MPC8280, the MPC8275, and the MPC8270,
which are collectively called either the MPC8280 or the PowerQUICC II
throughout this manual. Device numbers are cited only if information does
not pertain to all devices.
Although this book describes aspects of the PowerPC architecture that are critical for understanding the
MPC8280 core, it does not contain a complete description of the architecture. Where additional
information might help the reader, references are made to Programming Environments Manual for 32-Bit
Implementation of the PowerPC Architecture, Rev. 2. Refer to “Architecture Documentation” for ordering
information.
The information in this book is subject to change without notice, as described in the disclaimers on the title
page of this book. As with any technical documentation, it is the readers’ responsibility to use the most
recent version of the documentation. For more information, contact your sales representative.
Before Using this Manual—Important Note
Before using this manual, determine whether it is the latest revision and if there are errata or addenda. To
locate any published errata or updates for this document, refer to the worldwide web at
www.freescale.com.
Audience
This manual is intended for software and hardware developers and application programmers who want to
develop products for the MPC8280. It is assumed that the reader has a basic understanding of computer
networking, OSI layers, RISC architecture, and communications protocols described herein. Where
useful, additional sources provide in-depth discussions of such topics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com