| Electronic Components Datasheet Search |
|
MPC8270 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc |
|
55 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor lv Figures Figure Number Title Page Number 11-61 RAM Array and Signal Generation .................................................................................... 11-71 11-62 The RAM Word................................................................................................................... 11-71 11-63 CS Signal Selection............................................................................................................. 11-76 11-64 BS Signal Selection............................................................................................................. 11-76 11-65 UPM Read Access Data Sampling...................................................................................... 11-79 11-66 Wait Mechanism Timing for Internal and External Synchronous Masters ......................... 11-80 11-67 DRAM Interface Connection to the 60x Bus (64-Bit Port Size) ........................................ 11-82 11-68 Single-Beat Read Access to FPM DRAM .......................................................................... 11-84 11-69 Single-Beat Write Access to FPM DRAM ......................................................................... 11-85 11-70 Burst Read Access to FPM DRAM (No LOOP) ................................................................ 11-86 11-71 Burst Read Access to FPM DRAM (LOOP) ...................................................................... 11-87 11-72 Burst Write Access to FPM DRAM (No LOOP)................................................................ 11-88 11-73 Refresh Cycle (CBR) to FPM DRAM ................................................................................ 11-89 11-74 Exception Cycle .................................................................................................................. 11-90 11-75 FPM DRAM Burst Read Access (Data Sampling on Falling Edge of CLKIN)................. 11-92 11-76 MPC8280/EDO Interface Connection to the 60x Bus ........................................................ 11-93 11-77 Single-Beat Read Access to EDO DRAM .......................................................................... 11-94 11-78 Single-Beat Write Access to EDO DRAM ......................................................................... 11-95 11-79 Single-Beat Write Access to EDO DRAM Using REDO to Insert Three Wait States ...................................................................................................................... 11-96 11-80 Burst Read Access to EDO DRAM .................................................................................... 11-97 11-81 Burst Write Access to EDO DRAM ................................................................................... 11-98 11-82 Refresh Cycle (CBR) to EDO DRAM ................................................................................ 11-99 11-83 Exception Cycle For EDO DRAM ................................................................................... 11-100 11-84 Pipelined Bus Operation and Memory Access in 60x-Compatible Mode ........................ 11-104 11-85 External Master Access (GPCM)...................................................................................... 11-105 11-86 External Master Configuration with SDRAM Device ...................................................... 11-106 12-1 L2 Cache in Copy-Back Mode.............................................................................................. 12-2 12-2 External L2 Cache in Write-Through Mode ......................................................................... 12-4 12-3 External L2 Cache in ECC/Parity Mode............................................................................... 12-6 12-4 Read Access with L2 Cache.................................................................................................. 12-8 13-1 Test Logic Block Diagram .................................................................................................... 13-2 13-2 TAP Controller State Machine .............................................................................................. 13-3 13-3 Output Pin Cell (O.Pin)......................................................................................................... 13-4 13-4 Observe-Only Input Pin Cell (I.Obs) .................................................................................... 13-4 13-5 Output Control Cell (IO.CTL) .............................................................................................. 13-5 13-6 General Arrangement of Bidirectional Pin Cells .................................................................. 13-5 14-1 CPM Block Diagram............................................................................................................. 14-3 14-2 Communications Processor (CP) Block Diagram................................................................. 14-6 14-3 RISC Controller Configuration Register (RCCR.................................................................. 14-9 14-4 RISC Time-Stamp Control Register (RTSCR) ................................................................... 14-11 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |