Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
lxxxiii
— Chapter 16, “CPM Multiplexing,” describes the CPM multiplexing logic (CMX) that connects
the physical layer—UTOPIA, MII, modem lines.
— Chapter 17, “Baud-Rate Generators (BRGs),” describes the eight independent, identical
baud-rate generators (BRGs) that can be used with the FCCs, SCCs, and SMCs.
— Chapter 18, “Timers,” describes the timer implementation, which can be configured as four
identical 16-bit or two 32-bit general-purpose timers.
— Chapter 19, “SDMA Channels and IDMA Emulation,” describes the two physical serial DMA
(SDMA) channels on the MPC8280.
— Chapter 20, “Serial Communications Controllers (SCCs),” describes the four serial
communications controllers (SCC), which can be configured independently to implement
different protocols for bridging functions, routers, and gateways, and to interface with a wide
variety of standard WANs, LANs, and proprietary networks.
— Chapter 21, “SCC UART Mode,” describes the MPC8280 implementation of universal
asynchronous receiver transmitter (UART) protocol that sends low-speed data between
devices.
— Chapter 22, “SCC HDLC Mode,” describes the MPC8280 implementation of HDLC protocol.
— Chapter 23, “SCC BISYNC Mode,” describes the MPC8280 implementation of byte-oriented
BISYNC protocol developed by IBM for use in networking products.
— Chapter 24, “SCC Transparent Mode,” describes the MPC8280 implementation of transparent
mode (also called totally transparent mode), which provides a clear channel on which the SCC
can send or receive serial data without bit-level manipulation.
— Chapter 25, “SCC Ethernet Mode,” describes the MPC8280 implementation of Ethernet
protocol.
— Chapter 26, “SCC AppleTalk Mode,” describes the MPC8280 implementation of AppleTalk.
— Chapter 27, “Universal Serial Bus Controller,” describes the MPC8280’s USB controller,
including basic operation, the parameter RAM, and registers.
— Chapter 28, “Serial Management Controllers (SMCs),” describes two serial management
controllers, full-duplex ports that can be configured independently to support one of three
protocols—UART, transparent, or general-circuit interface (GCI).
— Chapter 29, “Multi-Channel Controllers (MCCs),” describes the MPC8280’s multi-channel
controller (MCC), which handles up to 128 serial, full-duplex data channels.
— Chapter 30, “Fast Communications Controllers (FCCs),” describes the MPC8280’s fast
communications controllers (FCCs), which are SCCs optimized for synchronous high-rate
protocols.
— Chapter 31, “ATM Controller and AAL0, AAL1, and AAL5,” describes the MPC8280 ATM
controller, which provides the ATM and AAL layers of the ATM protocol. The ATM controller
performs segmentation and reassembly (SAR) functions of AAL5, AAL1, and AAL0, and
most of the common parts convergence sublayer (CP-CS) of these protocols.
— Chapter 32, “ATM AAL1 Circuit Emulation Service,” describes the implementation of circuit
emulation service (CES) using ATM adaptation layer type 1 (AAL1) on the MPC8280.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com