Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
1-1
Chapter 1
Overview
The MPC8280 is a versatile communications processor that integrates on one chip a high-performance
PowerPC™ RISC microprocessor, a very flexible system integration unit, and many communications
peripheral controllers that can be used in a variety of applications, particularly in communications and
networking systems.
The MPC8280 core—a G2_LE—is an embedded variant of the MPC603e microprocessor with 16 Kbytes
of instruction cache and 16 Kbytes of data cache. The system interface unit (SIU) consists of a flexible
memory controller that interfaces to almost any user-defined memory system, a 60x-to-PCI bus bridge,
and many other peripherals making this device a complete system on a chip.
The MPC8280 communications processor module (CPM) includes all the peripherals found in the
MPC8260 PowerQUICC II family. In addition, the MPC8280 offers USB functionality.
This manual describes the functional operation of MPC8280, with an emphasis on peripheral functions.
Chapter 2, “G2_LE Core,” is an overview of the microprocessor core; detailed information about the core
can be found in the G2 Core Reference Manual (order number: G2CORERM).
1.1
Features
The following is an overview of the MPC8280 feature set:
•
Dual-issue integer (G2_LE) core
— A core version of the MPC603e microprocessor
— System core microprocessor supporting frequencies of 166–450 MHz
— Separate 16-Kbyte data and instruction caches:
– Four-way set associative
– Physically addressed
– LRU replacement algorithm
— PowerPC architecture-compliant memory management unit (MMU)
— Common on-chip processor (COP) test interface
— Supports bus snooping for data cache coherency
— Floating-point unit (FPU)
•
Separate power supply for internal logic and for I/O
•
Separate PLLs for G2_LE core and for the CPM
— G2_LE core and CPM can run at different frequencies for power/performance optimization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com