Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 306 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 306 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 302Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 303Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 304Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 305Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 306Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 307Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 308Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 309Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 310Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
8-30
Freescale Semiconductor
When the MPC8280 processor is not the address bus master, GBL is an input. The MPC8280 processor
snoops a transaction if TS and GBL are asserted together in the same bus clock cycle (a qualified snooping
condition). No snoop update to the MPC8280 processor cache occurs if the transaction is not marked
global. This includes invalidation cycles.
When the MPC8280 processor detects a qualified snoop condition, the address associated with the TS is
compared against the data cache tags. Snooping completes if no hit is detected. However, if the address
hits in the cache, the MPC8280 processor reacts according to the MEI protocol shown in Figure 8-12. This
figure assumes that WIM = 0b001 (memory space is marked for write-back, caching-allowed, and
coherency-enforced modes).
Figure 8-12. MEI Cache Coherency Protocol—State Diagram (WIM = 001)
8.7
Processor State Signals
This section describes the MPC8280’s support for atomic update and memory through the use of the
lwarx/stwcx. instruction pair. It also describes the TLBISYNC input.
Invalid
Modified
WH
SH
SH/CRW
WM
WH
RH
SH = Snoop hit
RH = Read hit
WH = Write hit
WM = Write miss
RM = Read miss
SH/CRW = Snoop hit, cacheable read/write
SH/CIR = Snoop hit, cache-inhibited read
= Snoop push
= Cache line fill
Exclusive
SH/CRW
RM
SH/CIR
RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com