Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 313 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 313 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 309Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 310Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 311Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 312Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 313Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 314Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 315Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 316Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 317Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-5
9.8
CompactPCI Hot Swap Specification Support
CompactPCI is an open specification supported by the PCI Industrial Computer Manufacturers Group
(PICMG) and is intended for embedded applications using PCI. CompactPCI Hot Swap is an extension of
the CompactPCI specification and allows the insertion and extraction (or “hot swapping”) of boards
without adversely affecting system operation.
The Hot Swap specification defines three levels of support:
•
Hot Swap capable
•
Hot Swap friendly
•
Hot Swap ready
The MPC8280 is a Hot Swap friendly device, meaning that it supports the hardware and software
connection processes as defined in the Hot Swap specification. This level of support allows the board and
system designers to build full Hot Swap and high availability systems based on the MPC8280 device as a
PCI target device. The only compliance exception is that the device pins are not 5-volt tolerant.
Application boards should be used in 3.3V signaling back planes, or add 5-to-3.3 volt signaling voltage
converters, if needed, to be used in 5V back planes.
For more information regarding the Hot Swap process, refer to the Hot Swap Specification PICMG 2.1,
R1.0, August 3, 1998.
9.9
PCI Interface
The PCI bridge connects the processor and memory system to the I/O components via the PCI system bus.
This interface acts as both initiator (master) and target (slave) device. The PCI bridge uses a 32-bit
multiplexed, address/data bus that can run at frequencies up to 66 MHz. The interface provides address
and data parity with error checking and reporting. The interface provides for three physical address
spaces—32-bit address memory, 32-bit address I/O, and PCI configuration space.
The PCI bridge can function as either a host bridge or an agent device. Note that the PCI bridge can be
configured from the PCI bus while in agent mode. An address translation mechanism is provided to map
PCI memory windows between the host and agent.
The following are the major features supported by the PCI interface:
•
PCI Specification Revision 2.2 compliant
•
On-chip arbitration supports 3 external PCI bus masters (in addition to the PCI bridge itself)
•
Arbiter supports high-priority request and grant signal pairs
•
Supports accesses to all PCI address spaces
•
Supports PCI-to-60x-memory and 60x-memory-to-PCI streaming
•
Memory prefetching of PCI read accesses and support for delayed read transactions
•
Supports posting of processor to PCI and PCI to memory writes
•
Supports selectable snoop
•
PCI host bridge capabilities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com