Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 1386 page
background image
Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
1-8
Freescale Semiconductor
The following list summarizes the major features of the CPM:
•
The CP is an embedded 32-bit RISC controller residing on a separate bus (CPM local bus) from
the 60x bus (used by the system core). With this separate bus, the CP does not affect the
performance of the G2_LE core. The CP handles the lower layer tasks and DMA control activities,
leaving the G2_LE core free to handle higher layer activities. The CP has an instruction set
optimized for communications, but can also be used for general-purpose applications, relieving the
system core of small often repeated tasks.
•
Two serial DMA (SDMA) that can do simultaneous transfers, optimized for burst transfers to the
60x bus and to the local bus.
•
Three full-duplex, serial fast communications controllers (FCCs) supporting ATM (155 Mbps)
protocol through UTOPIA2 interface (there are two UTOPIA interfaces on the MPC8280), IEEE
802.3 and Fast Ethernet protocols, HDLC up to E3 rates (45 Mbps) and totally transparent
operation. Each FCC can be configured to transmit fully transparent and receive HDLC or
vice-versa. (Note that the MPC8270 does not support ATM (155 Mbps) protocol.)
•
Two multichannel controllers (MCCs) that can handle an aggregate of 256 X 64 Kbps HDLC or
transparent channels, multiplexed on up to eight TDM interfaces. The MCC also supports
super-channels of rates higher than 64 Kbps and subchanneling of the 64-Kbps channels.
•
Four full-duplex serial communications controllers (SCCs) supporting IEEE802.3/Ethernet, high-
level synchronous data link control, HDLC, local talk, UART, synchronous UART, BISYNC, and
transparent.
•
Two full-duplex serial management controllers (SMC) supporting GCI, UART, and transparent
operations
•
Serial peripheral interface (SPI) and I2C bus controllers
•
Time-slot assigner (TSA) that supports multiplexing of data from any of the four SCCs, three
FCCs, and two SMCs.
1.3
Software Compatibility Issues
As much as possible, the MPC8280 CPM features were made similar to those of the previous MPC860
PowerQUICC family devices and the MPC8260 PowerQUICC II family devices. The code flow ports
easily from previous devices to the MPC8280, except for new protocols supported by the MPC8280.
Although many registers are new, most registers retain the old status and event bits, so an understanding
of the programming models of the MC68360, MPC860, or MPC85015 is helpful. Note that the MPC8280
initialization code requires changes from the MPC860 initialization code (Freescale provides reference
code).
1.3.1
Signals
Figure 1-2 shows MPC8280 signals grouped by function. Note that many of these signals are multiplexed
and this figure does not indicate how these signals are multiplexed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com