Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
2-23
The processor core’s exceptions, and conditions that cause them, are listed in Table 2-5.
Table 2-5. Exceptions and Conditions
Exception
Type
Vector Offset
(hex)
Causing Conditions
Reserved
00000
—
System reset
00100
A system reset is caused by the assertion of either SRESET or HRESET. Note that
the reset value of the MSR exception prefix bit (MSR[IP]), described in the
G2 Core
Reference Manual, is determined by the CIP bit in the hard reset configuration word.
This is described in Section 5.4.1, “Hard Reset Configuration Word.”
Machine check 00200
A machine check is caused by the assertion of the TEA signal during a data bus
transaction, assertion of MCP, or an address or data parity error.
DSI
00300
The cause of a DSI exception can be determined by the bit settings in the DSISR,
listed as follows:
1
Set if the translation of an attempted access is not found in the primary hash table
entry group (HTEG), or in the rehashed secondary HTEG, or in the range of a
DBAT register; otherwise cleared.
4
Set if a memory access is not permitted by the page or DBAT protection
mechanism; otherwise cleared.
5
Set by an eciwx or ecowx instruction if the access is to an address that is
marked as write-through, or execution of a load/store instruction that accesses a
direct-store segment.
6
Set for a store operation and cleared for a load operation.
11 Set if eciwx or ecowx is used and EAR[E] is cleared.
ISI
00400
An ISI exception is caused when an instruction fetch cannot be performed for any of
the following reasons:
• The effective (logical) address cannot be translated. That is, there is a page fault
for this portion of the translation, so an ISI exception must be taken to load the
PTE (and possibly the page) into memory.
• The fetch access is to a direct-store segment (indicated by SRR1[3] set).
• The fetch access violates memory protection (indicated by SRR1[4] set). If the key
bits (Ks and Kp) in the segment register and the PP bits in the PTE are set to
prohibit read access, instructions cannot be fetched from this location.
External
interrupt
00500
An external interrupt is caused when MSR[EE] = 1 and the INT signal is asserted.
Alignment
00600
An alignment exception is caused when the processor core cannot perform a
memory access for any of the reasons described below:
• The operand of a floating-point load or store is to a direct-store segment.
• The operand of a floating-point load or store is not word-aligned.
• The operand of a lmw, stmw, lwarx, or stwcx. is not word-aligned.
• The operand of an elementary, multiple or string load or store crosses a segment
boundary with a change to the direct store T bit.
• The operand of dcbz instruction is in memory that is write-through required or
caching inhibited, or dcbz is executed in an implementation that has either no
data cache or a write-through data cache.
• A misaligned eciwx or ecowx instruction
• A multiple or string access with MSR[LE] set
The processor core differs from
MPC603e User’s Manual in that it initiates an
alignment exception when it detects a misaligned eciwx or ecowx instruction and
does not initiate an alignment exception when a little-endian access is misaligned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com