Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 161 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 161 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 157Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 158Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 159Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 160Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 161Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 162Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 163Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 164Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 165Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 1386 page
background image
Memory Map
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
3-17
0x114D2
TC7 error cells counter (TC_ECC7)1
R/W
16 bits
0x0000
35.4.3.3/35-12
0x114D4
Reserved
—
12 bytes
—
—
TC Layer 81
0x114E0
TC8 mode register (TCMODE8)1
R/W
16 bits
0x0000
35.4.1.1/35-7
0x114E2
TC8 cell delineation state machine register (CDSMR8)1
R/W
16 bits
0x0000
35.4.1.2/35-8
0x114E4
TC8 event register (TCER8)1
R/W
16 bits
0x0000
35.4.1.3/35-9
0x114E6
TC8 received cells counter (TC_RCC8)1
R/W
16 bits
0x0000
35.4.1.4/35-10
0x114E8
TC8 mask register (TCMR8)1
R/W
16 bits
0x0000
35.4.1.4/35-10
0x114EA
TC8 filtered cells counter (TC_FCC8)1
R/W
16 bits
0x0000
35.4.3.6/35-12
0x114EC
TC8 corrected cells counter (TC_CCC8)1
R/W
16 bits
0x0000
35.4.3.4/35-12
0x114EE
TC8 idle cells counter (TC_ICC8)1
R/W
16 bits
0x0000
35.4.3.5/35-12
0x114F0
TC8 transmitted cells counter (TC_TCC8)1
R/W
16 bits
0x0000
35.4.3.2/35-11
0x114F2
TC8 error cells counter (TC_ECC8)1
R/W
16 bits
0x0000
35.4.3.3/35-12
0x114F4
Reserved
—
12 bytes
—
—
TC Layer—General1
0x11500
TC general status register (TCGSR)1
R
16 bits
0x0000
35.4.2.2/35-11
0x11502
TC general event register (TCGER)1
R/W
16 bits
0x0000
35.4.2.1/35-10
BRGs 5–8
0x115F0
BRG5 configuration register (BRGC5)
R/W
32 bits
0x0000_0000
17.1/17-2
0x115F4
BRG6 configuration register (BRGC6)
R/W
32 bits
0x0000_0000
0x1115F8 BRG7 configuration register (BRGC7)
R/W
32 bits
0x0000_0000
0x115FC
BRG8 configuration register (BRGC8)
R/W
32 bits
0x0000_0000
0x11600–
0x1185F
Reserved
—
608
bytes
——
I
2C
0x11860
I
2C mode register (I2MOD)
R/W
8 bits
0x00
40.4.1/40-6
0x11861
Reserved
—
24 bits
—
—
0x11864
I
2C address register (I2ADD)
R/W
8 bits
0x00
40.4.2/40-7
0x11865
Reserved
—
24 bits
—
—
0x11868
I
2C BRG register (I2BRG)
R/W
8 bits
0x00
40.4.3/40-7
0x11869
Reserved
—
24 bits
—
—
0x1186C
I
2C command register (I2COM)
R/W
8 bits
0x00
40.4.5/40-8
Table 3-1. Internal Memory Map (continued)
Address
(offset)
Register
R/W
Size
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com